Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4632DDT28T5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4632DDT28T5G
Description  Low Voltage, Low Dropout Linear Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4632DDT28T5G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4632DDT28T5G Datasheet HTML 1Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 2Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 3Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 4Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 5Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 6Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 7Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 8Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP4632
www.onsemi.com
2
Current Limit
Thermal Protection
VIN
GND
Vref
CE
VOUT
SENSE/ADJ
Reverse Detector
Current Limit
Thermal Protection
VIN
GND
Vref
CE
VOUT
Reverse Detector
SENSE/
Figure 2. Simplified Schematic Block Diagram
NCP4632B
NCP4632D
ADJ
PIN FUNCTION DESCRIPTION
Pin No.
TO252−5−P2
Pin Name
Description
4
VOUT
Output Voltage Pin
2
VIN
Input Voltage Pin
3
GND (Note 1)
Ground Pin
1
CE
Chip Enable Pin, Active “H”, Connect to VIN pin if not used.
5
SENSE / ADJ
Sense Pin on Fixed Options, ADJ for Adjustable
1. TAB is internally connected to pin 3 GND.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
VIN
6.0
V
Output Voltage
VOUT
−0.3 to VIN + 0.3
V
Chip Enable Input
VCE
−0.3 to 6.0
V
Sense Input
Vsense
−0.3 to 6.0
V
Output Current
IOUT
3000
mA
Power Dissipation (Note 2)
PD(MAX)
3800
mW
Storage Temperature Range
TSTG
−55 to 125
°C
Maximum Junction Temperature
TJ(MAX)
125
°C
ESD Capability, Human Body Model (Note 3)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 3)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. JEDEC standard 76.2mm x 114.3 mm, FR4 Four−layers board
3. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, DPAK−5
Thermal Resistance, Junction−to−Air
RqJA
53
°C/W


Similar Part No. - NCP4632DDT28T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4632DDT28T5G ONSEMI-NCP4632DDT28T5G Datasheet
649Kb / 14P
   3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
June, 2012 ??Rev. 0
More results

Similar Description - NCP4632DDT28T5G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com