Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4632DDT28T5G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP4632DDT28T5G
Description  Low Voltage, Low Dropout Linear Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4632DDT28T5G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP4632DDT28T5G Datasheet HTML 5Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 6Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 7Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 8Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 9Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 10Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 11Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 12Page - ON Semiconductor NCP4632DDT28T5G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCP4632
www.onsemi.com
9
TYPICAL CHARACTERISTICS
0
1
2
3
4
0.70
0.75
0.80
0.85
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Figure 29. Load Transient Response at
NCP4632xDT08
t (ms)
Vin = 1.8 V
Iout = step 1 mA to 3 A
Slope 1 A/
ms
Cin = Cout = 10 mF
3.15
3.20
3.25
3.30
3.35
3.40
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1
2
3
4
Figure 30. Load Transient Response at
NCP4632xDT33
t (ms)
Vin = 5.3 V
Iout = step 1 mA to 3 A
Slope 1 A/
ms
Cin = Cout = 10 mF
0
0.4
0.8
1.2
1.6
2
0
0.2
0.4
0.6
0.8
0
10
20304050
Figure 31. Turn Off with CE pin vs. Output
Current at NCP4632BDT08
t (ms)
Iout = 1 mA
Iout = 10 mA
CE Pin Voltage
Iout = 100 mA


Similar Part No. - NCP4632DDT28T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4632DDT28T5G ONSEMI-NCP4632DDT28T5G Datasheet
649Kb / 14P
   3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
June, 2012 ??Rev. 0
More results

Similar Description - NCP4632DDT28T5G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com