Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC79L12ACPRPG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC79L12ACPRPG
Description  100 mA Negative Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L12ACPRPG Datasheet(HTML) 4 Page - ON Semiconductor

  MC79L12ACPRPG Datasheet HTML 1Page - ON Semiconductor MC79L12ACPRPG Datasheet HTML 2Page - ON Semiconductor MC79L12ACPRPG Datasheet HTML 3Page - ON Semiconductor MC79L12ACPRPG Datasheet HTML 4Page - ON Semiconductor MC79L12ACPRPG Datasheet HTML 5Page - ON Semiconductor MC79L12ACPRPG Datasheet HTML 6Page - ON Semiconductor MC79L12ACPRPG Datasheet HTML 7Page - ON Semiconductor MC79L12ACPRPG Datasheet HTML 8Page - ON Semiconductor MC79L12ACPRPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC79L00A Series
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (VI = −27 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ +125°C (for MC79LXXAB),
0
°C < TJ < +125°C (for MC79LXXAC), unless otherwise noted).
MC79L18AC
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
−17.3
−18
−18.7
Vdc
Input Regulation (TJ = +25°C)
−20.7 Vdc
≥ VI ≥ −33 Vdc
−21.4 Vdc
≥ VI ≥ −33 Vdc
−22 Vdc
≥ VI ≥ −33 Vdc
−21 Vdc
≥ VI ≥ −33 Vdc
Regline
325
275
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
170
85
mV
Output Voltage
−20.7 Vdc
≥ VI ≥ −33 Vdc, 1.0 mA ≤ IO ≤ 40 mA
−21.4 Vdc
≥ VI ≥ −33 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = −27 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
−17.1
−17.1
−18.9
−18.9
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
mA
Input Bias Current Change
−21 Vdc
≥ VI ≥ −33 Vdc
−27 Vdc
≥ VI ≥ −33 Vdc
1.0 mA
≤ IO ≤ 40 mA
IIB
1.5
0.1
mA
Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
150
mV
Ripple Rejection (−23
≤ VI ≤ −33 Vdc, f = 120 Hz, TJ = +25°C)
RR
33
48
dB
Dropout Voltage IO = 40 mA, TJ = +25°C
|VI−VO|
1.7
Vdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
ELECTRICAL CHARACTERISTICS (VI = −33 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ +125°C (for MC79LXXAB),
0
°C < TJ < +125°C (for MC79LXXAC), unless otherwise noted).
MC79L24AC
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
−23
−24
−25
Vdc
Input Regulation (TJ = +25°C)
−27 Vdc
≥ VI ≥ −38 Vdc
−27.5 Vdc
≥ VI ≥ −38 Vdc
−28 Vdc
≥ VI ≥ −38 Vdc
Regline
350
300
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
200
100
mV
Output Voltage
−27 Vdc
≥ VI ≥ −38 V, 1.0 mA ≤ IO ≤ 40 mA
−28 Vdc
≥ VI ≥ −38 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = −33 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
−22.8
−22.8
−25.2
−25.2
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
mA
Input Bias Current Change
−28 Vdc
≥ VI ≥ −38 Vdc
1.0 mA
≤ IO ≤ 40 mA
DIIB
1.5
0.1
mA
Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
200
mV
Ripple Rejection (−29
≤ VI ≤ −35 Vdc, f = 120 Hz, TJ = +25°C)
RR
31
47
dB
Dropout Voltage IO = 40 mA, TJ = +25°C
|VI−VO|
1.7
Vdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - MC79L12ACPRPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC79L12ACPRPG ONSEMI-MC79L12ACPRPG Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

Similar Description - MC79L12ACPRPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com