Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP502SN28T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP502SN28T1G
Description  80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP502SN28T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP502SN28T1G Datasheet HTML 1Page - ON Semiconductor NCP502SN28T1G Datasheet HTML 2Page - ON Semiconductor NCP502SN28T1G Datasheet HTML 3Page - ON Semiconductor NCP502SN28T1G Datasheet HTML 4Page - ON Semiconductor NCP502SN28T1G Datasheet HTML 5Page - ON Semiconductor NCP502SN28T1G Datasheet HTML 6Page - ON Semiconductor NCP502SN28T1G Datasheet HTML 7Page - ON Semiconductor NCP502SN28T1G Datasheet HTML 8Page - ON Semiconductor NCP502SN28T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2016
December, 2016 − Rev. 21
1
Publication Order Number:
NCP502/D
NCP502, NCV502
80 mA CMOS Low Iq,
Low-Dropout Voltage
Regulator
The NCP502 series of fixed output linear regulators are designed for
handheld communication equipment and portable battery powered
applications which require low quiescent. The NCP502 series features
an ultra−low quiescent current of 40
mA. Each device contains a
voltage reference unit, an error amplifier, a PMOS power transistor,
resistors for setting output voltage, current limit, and temperature limit
protection circuits.
The NCP502 has been designed to be used with low cost ceramic
capacitors. The device is housed in the micro−miniature SC70−5 and
TSOP−5 surface mount packages. Standard voltage versions are 1.5 V,
1.8 V, 2.5 V, 2.7 V, 2.8 V, 2.9 V, 3.0 V, 3.1 V, 3.3 V, 3.4 V, 3.5 V, 3.6 V,
3.7 V and 5.0 V. Other voltages are available in 100 mV steps.
Features
Low Quiescent Current of 40 mA Typical
Excellent Line and Load Regulation
Low Output Voltage Option
Output Voltage Accuracy of 2.0%
Industrial Temperature Range of −40°C to 85°C,
NCV502, TA = −40
°C to 125°C
NCP502: 1.3 V Enable Threshold High, 0.3 V Enable Threshold Low
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Typical Applications
Cellular Phones
Battery Powered Consumer Products
Hand−Held Instruments
Camcorders and Cameras
Figure 1. Typical Application Diagram
This device contains 86 active transistors
Vout
Battery or
Unregulated
Voltage
C1
C2
OFF
ON
1
2
3
5
4
+
+
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
1
3
N/C
Vin
2
GND
Enable
4
Vout
5
(Top View)
xxx
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
MARKING
DIAGRAM
www.onsemi.com
1 2
3
4
5
SC70−5
SQ SUFFIX
CASE 419A
1
5
xxx M
G
G
www.onsemi.com
(Note: Microdot may be in either location)
1
5
TSOP−5
(SOT23−5, SC59−5)
SN SUFFIX
CASE 483
1
5
xxx AYW
G
G


Similar Part No. - NCP502SN28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP502SN28T1G ONSEMI-NCP502SN28T1G Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP502SN28T1G ONSEMI-NCP502SN28T1G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP502SN28T1G ONSEMI-NCP502SN28T1G Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
More results

Similar Description - NCP502SN28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com