Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP706MX33TAG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP706MX33TAG
Description  Precision Very Low Dropout Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP706MX33TAG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP706MX33TAG Datasheet HTML 7Page - ON Semiconductor NCP706MX33TAG Datasheet HTML 8Page - ON Semiconductor NCP706MX33TAG Datasheet HTML 9Page - ON Semiconductor NCP706MX33TAG Datasheet HTML 10Page - ON Semiconductor NCP706MX33TAG Datasheet HTML 11Page - ON Semiconductor NCP706MX33TAG Datasheet HTML 12Page - ON Semiconductor NCP706MX33TAG Datasheet HTML 13Page - ON Semiconductor NCP706MX33TAG Datasheet HTML 14Page - ON Semiconductor NCP706MX33TAG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCP706
www.onsemi.com
11
TYPICAL CHARACTERISTICS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
1.0
2.0
3.0
4.0
5.0
FORCED OUTPUT VOLTAGE (V)
Figure 21. Reverse Leakage Current in
Shutdown
VOUT(NOM) = 2.1 V
VOUT(NOM) = 2.2 V
VOUT(NOM) = 3.0 V
VIN = 5.5 V
VEN = 0
CIN = COUT = 4.7 mF
TA = 25°C
0
20
40
60
80
100
0.1
1
10
100
1000
FREQUENCY (kHz)
Figure 22. PSRR vs. Frequency & Output
Capacitor
COUT = 22 mF
COUT = 10 mF
COUT = 4.7 mF
VIN = 2.6 V + 200 mVPP Modulation
IOUT = 500 mA
TA = 25°C
VOUT(NOM) = 2.1 V
0
20
40
60
80
100
0.1
1
10
100
1000
FREQUENCY (kHz)
Figure 23. PSRR vs. Frequency & Output
Capacitor
COUT = 22 mF
COUT = 10 mF
COUT = 4.7 mF
VIN = 2.7 V + 200 mVPP Modulation
IOUT = 500 mA
TA = 25°C
VOUT(NOM) = 2.2 V
Figure 24. PSRR vs. Frequency & Output
Capacitor
0
20
40
60
80
0.1
1
10
100
1000
FREQUENCY (kHz)
COUT = 1 mF
COUT = 2.2 mF
COUT = 4.7 mF
VIN = 3.5 V + 200 mVPP Modulation
IOUT = 500 mA
TA = 25°C
VOUT(NOM) = 3.0 V
0
10
20
30
40
50
60
70
80
90
100
0.1
1.0
10
100
1000
FREQUENCY (kHz)
Figure 25. PSRR vs. Frequency & Output
Current
IOUT = 10 mA
IOUT = 100 mA
IOUT = 500 mA
VIN = 3.7 V + 200 mVPP Modulation
COUT = 4.7 mF
TA = 25°C
VOUT(NOM) = 2.1 V
0.1
1
10
100
1000
IOUT = 10 mA
IOUT = 100 mA
IOUT = 500 mA
FREQUENCY (kHz)
Figure 26. PSRR vs. Frequency & Output
Current
VIN = 3.2 V + 200 mVPP Modulation
COUT = 4.7 mF
TA = 25°C
VOUT(NOM) = 2.2 V
0
20
40
60
80


Similar Part No. - NCP706MX33TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP706MX33TAG ONSEMI-NCP706MX33TAG Datasheet
621Kb / 16P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2015 ??Rev. 7
NCP706MX33TAG ONSEMI-NCP706MX33TAG Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
More results

Similar Description - NCP706MX33TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
NCP706A ONSEMI-NCP706A Datasheet
330Kb / 9P
   Precision Very Low Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP706 ONSEMI-NCP706_16 Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
NCP706 ONSEMI-NCP706 Datasheet
505Kb / 12P
   1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2013 ??Rev. 2
logo
Motorola, Inc
L4949 MOTOROLA-L4949 Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
TelCom Semiconductor, I...
TC4949 TELCOM-TC4949 Datasheet
352Kb / 9P
   Multifunction Very Low Dropout Voltage Regulator
logo
ON Semiconductor
L4949 ONSEMI-L4949 Datasheet
191Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
NCP708 ONSEMI-NCP708 Datasheet
80Kb / 6P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com