Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP51460 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP51460
Description  20mA Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51460 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP51460_1 Datasheet HTML 1Page - ON Semiconductor NCP51460_1 Datasheet HTML 2Page - ON Semiconductor NCP51460_1 Datasheet HTML 3Page - ON Semiconductor NCP51460_1 Datasheet HTML 4Page - ON Semiconductor NCP51460_1 Datasheet HTML 5Page - ON Semiconductor NCP51460_1 Datasheet HTML 6Page - ON Semiconductor NCP51460_1 Datasheet HTML 7Page - ON Semiconductor NCP51460_1 Datasheet HTML 8Page - ON Semiconductor NCP51460_1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NCP51460
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 10. Short Circuit Current
Figure 11. Power Supply Rejection Ratio
Cout = 0 mF
TJ, JUNCTION TEMPERATURE (°C)
f, FREQUENCY
40
50
60
70
80
90
100
110
120
130
140
−40
−20
0
20
40
60
80
100
120
140
COUT = 0 mF
VIN = 28 V
VIN = 15 V
VIN = 5.8 V
0
10
20
30
40
50
60
70
80
10
100
1000
10k
100k
1M
IOUT = 1 mA
IOUT = 0 mA
IOUT = 20 mA
VIN = 5.8 VDC $50 mVAC
COUT = 0 mF
TJ = 25°C
0
10
20
30
40
50
60
70
80
10
100
1000
10k
100k
1M
Figure 12. Power Supply Rejection Ratio
Cout = 0.1 mF
f, FREQUENCY
VIN = 5.8 VDC $50 mVAC
COUT = 0.1 mF MLCC
TJ = 25°C
IOUT = 1 mA
IOUT = 0 mA
IOUT = 20 mA
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10k
100k
1M
IOUT = 1 mA
IOUT = 20 mA
IOUT = 0 mA
VIN = 5.8 VDC $50 mVAC
COUT = 1 mF MLCC
TJ = 25°C
Figure 13. Power Supply Rejection Ratio
Cout = 1 mF
f, FREQUENCY
0
10
20
30
40
50
60
70
80
90
4
5
6
7
8
9
10
11
12
Figure 14. Power Supply Rejection Ratio vs.
Input Voltage
VIN, INPUT VOLTAGE (V)
IOUT = 10 mA, COUT = 0 mF, TA = 25°C
fRIPPLE = 100 Hz
fRIPPLE = 10 kHz
fRIPPLE = 100 kHz
fRIPPLE = 1 MHz
0
10
20
30
40
50
60
70
80
45
6789
10
11
12
Figure 15. Power Supply Rejection Ratio vs.
Input Voltage
VIN, INPUT VOLTAGE (V)
fRIPPLE = 100 Hz
fRIPPLE = 10 kHz
fRIPPLE = 100 kHz
fRIPPLE = 1 MHz
IOUT = 20 mA, COUT = 0 mF, TA = 25°C


Similar Part No. - NCP51460_1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51460 ONSEMI-NCP51460_16 Datasheet
459Kb / 11P
   20mA Micropower Precision Voltage Reference
April, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com