Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4632 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP4632
Description  Low Voltage, Low Dropout Linear Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4632 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP4632 Datasheet HTML 4Page - ON Semiconductor NCP4632 Datasheet HTML 5Page - ON Semiconductor NCP4632 Datasheet HTML 6Page - ON Semiconductor NCP4632 Datasheet HTML 7Page - ON Semiconductor NCP4632 Datasheet HTML 8Page - ON Semiconductor NCP4632 Datasheet HTML 9Page - ON Semiconductor NCP4632 Datasheet HTML 10Page - ON Semiconductor NCP4632 Datasheet HTML 11Page - ON Semiconductor NCP4632 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCP4632
www.onsemi.com
8
TYPICAL CHARACTERISTICS
3.0
4.0
5.0
6.0
3.290
3.295
3.300
3.305
3.310
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Figure 26. Line Transient Response at
NCP4632xDT33
t (ms)
Vin = 4.3 V to 5.3 V
Iout = 50 mA
Cin = 0, Cout = 10 mF
0
100
200
300
400
500
600
0.77
0.78
0.79
0.80
0.81
0.82
0
1020
3040506070
Figure 27. Load Transient Response at
NCP4632xDT08
t (
ms)
Vin = 1.8 V
Iout = step 5 mA to 500 mA
Cin = Cout = 10 mF
0
100
200
300
400
500
600
3.27
3.28
3.29
3.30
3.31
3.32
0
10
203040
506070
Figure 28. Load Transient Response at
NCP4632xDT33
t (
ms)
Vin = 5.3 V
Iout = step 5 mA to 500 mA
Cin = Cout = 10 mF


Similar Part No. - NCP4632

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4632 ONSEMI-NCP4632 Datasheet
649Kb / 14P
   3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
June, 2012 ??Rev. 0
NCP4632BDT08T5G ONSEMI-NCP4632BDT08T5G Datasheet
649Kb / 14P
   3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
June, 2012 ??Rev. 0
NCP4632DDT08T5G ONSEMI-NCP4632DDT08T5G Datasheet
649Kb / 14P
   3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
June, 2012 ??Rev. 0
NCP4632DDT15T5G ONSEMI-NCP4632DDT15T5G Datasheet
649Kb / 14P
   3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
June, 2012 ??Rev. 0
NCP4632DDT28T5G ONSEMI-NCP4632DDT28T5G Datasheet
649Kb / 14P
   3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
June, 2012 ??Rev. 0
More results

Similar Description - NCP4632

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com