Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV553SQ50T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV553SQ50T1G
Description  CMOS Low Iq NOCAP Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV553SQ50T1G Datasheet(HTML) 6 Page - ON Semiconductor

  NCV553SQ50T1G Datasheet HTML 1Page - ON Semiconductor NCV553SQ50T1G Datasheet HTML 2Page - ON Semiconductor NCV553SQ50T1G Datasheet HTML 3Page - ON Semiconductor NCV553SQ50T1G Datasheet HTML 4Page - ON Semiconductor NCV553SQ50T1G Datasheet HTML 5Page - ON Semiconductor NCV553SQ50T1G Datasheet HTML 6Page - ON Semiconductor NCV553SQ50T1G Datasheet HTML 7Page - ON Semiconductor NCV553SQ50T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NCP553, NCV553
www.onsemi.com
6
TYPICAL CHARACTERISTICS
−400
100
0
50
−50
200
0
400
10
TIME (ms)
Figure 8. Load Transient Response
Figure 9. Load Transient Response
0
TIME (ms)
100
150
0
600
20
50
0
50
30
40
0.5
1
2
1.5
Vin = 4 V
Cout = 10 mF
Vin = 4 V
Cout = 10 mF
0
2
3
1
1.5
0
3.5
Figure 10. Output Voltage versus Input Voltage
0
0.5
24
12
6
Cin = 1 mF
Cout = 1 mF
TA = 25 _C
Vin, INPUT VOLTAGE (VOLTS)
2.5
8
200
−200
10


Similar Part No. - NCV553SQ50T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV553SQ50T1G ONSEMI-NCV553SQ50T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
More results

Similar Description - NCV553SQ50T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP512 ONSEMI-NCP512_09 Datasheet
142Kb / 9P
   CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com