Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1117 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1117
Description  Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1117 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1117 Datasheet HTML 1Page - ON Semiconductor NCP1117 Datasheet HTML 2Page - ON Semiconductor NCP1117 Datasheet HTML 3Page - ON Semiconductor NCP1117 Datasheet HTML 4Page - ON Semiconductor NCP1117 Datasheet HTML 5Page - ON Semiconductor NCP1117 Datasheet HTML 6Page - ON Semiconductor NCP1117 Datasheet HTML 7Page - ON Semiconductor NCP1117 Datasheet HTML 8Page - ON Semiconductor NCP1117 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP1117, NCV1117
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued)
(Cin = 10 mF, Cout = 10 mF, for typical value TA = 25°C, for min and max values TA is the operating ambient temperature range that applies
unless otherwise noted.) (Note 4)
Characteristic
Unit
Max
Typ
Min
Symbol
Quiescent Current
1.5 V
(Vin = 11.5 V)
1.8 V
(Vin = 11.8 V)
1.9 V
(Vin = 11.9 V)
2.0 V
(Vin = 12 V)
2.5 V
(Vin = 10 V)
2.85 V (Vin = 10 V)
3.3 V
(Vin = 15 V)
5.0 V
(Vin = 15 V)
12 V
(Vin = 20 V)
IQ
3.6
4.2
4.3
4.5
5.2
5.5
6.0
6.0
6.0
10
10
10
10
10
10
10
10
10
mA
Thermal Regulation (TA = 25°C, 30 ms Pulse)
0.01
0.1
%/W
Ripple Rejection (Vin−Vout = 6.4 V, Iout = 500 mA, 10 Vpp 120 Hz Sinewave)
Adjustable
1.5 V
1.8 V
1.9 V
2.0 V
2.5 V
2.85 V
3.3 V
5.0 V
12 V
RR
67
66
66
66
64
62
62
60
57
50
73
72
70
72
70
68
68
64
61
54
dB
Adjustment Pin Current (Vin = 11.25 V, Iout = 800 mA)
Iadj
52
120
mA
Adjust Pin Current Change
(Vin−Vout = 1.4 V to 10 V, Iout = 10 mA to 800 mA)
DIadj
0.4
5.0
mA
Temperature Stability
ST
0.5
%
Long Term Stability (TA = 25°C, 1000 Hrs End Point Measurement)
St
0.3
%
RMS Output Noise (f = 10 Hz to 10 kHz)
N
0.003
%Vout
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. NCP1117: Tlow = 0°C ,
Thigh = 125°C
NCV1117: Tlow = −40°C, Thigh = 125°C
5. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
6. The regulator output current must not exceed 1.0 A with Vin greater than 12 V.


Similar Part No. - NCP1117

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
NCP1117 ONSEMI-NCP1117 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117 ONSEMI-NCP1117 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1117 ONSEMI-NCP1117 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117DT12 ONSEMI-NCP1117DT12 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
More results

Similar Description - NCP1117

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com