Electronic Components Datasheet Search |
|
MC79L12ABPRAG Datasheet(PDF) 2 Page - ON Semiconductor |
|
MC79L12ABPRAG Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 10 page MC79L00A Series www.onsemi.com 2 MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.) Rating Symbol Value Unit Input Voltage (−5 V) (−12, −15, −18 V) (−24 V) VI −30 −35 −40 Vdc Power Dissipation Case 29 (TO−92 Type) TA = 25°C Thermal Resistance, Junction−to−Ambient Thermal Resistance, Junction−to−Case Case 751 (SOIC−8 Type) (Note 1) TA = 25°C Thermal Resistance, Junction−to−Ambient Thermal Resistance, Junction−to−Case PD RqJA RqJC PD RqJA RqJC Internally Limited 160 83 Internally Limited 180 45 W °C/W °C/W W °C/W °C/W Storage Temperature Range Tstg −65 to +150 °C Junction Temperature TJ +150 °C Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. SOIC−8 Junction−to−Ambient Thermal Resistance is for minimum recommended pad size. Refer to Figure 9 for Thermal Resistance variation versus pad size. *This device series contains ESD protection and exceeds the following tests: Human Body Model 2000 V per MIL_STD_883, Method 3015 Machine Model Method 200 V. ELECTRICAL CHARACTERISTICS (VI = −10 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ +125°C (for MC79LXXAB), 0 °C < TJ < +125°C (for MC79LXXAC)). MC79L05AC, AB Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = +25°C) VO −4.8 −5.0 −5.2 Vdc Input Regulation (TJ = +25°C) −7.0 Vdc ≥ VI ≥ −20 Vdc −8.0 Vdc ≥ VI ≥ −20 Vdc Regline − − − − 150 100 mV Load Regulation TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA 1.0 mA ≤ IO ≤ 40 mA Regload − − − − 60 30 mV Output Voltage −7.0 Vdc ≥ VI ≥ −20 Vdc, 1.0 mA ≤ IO ≤ 40 mA VI = −10 Vdc, 1.0 mA ≤ IO ≤ 70 mA VO −4.75 −4.75 − − −5.25 −5.25 Vdc Input Bias Current (TJ = +25°C) (TJ = +125°C) IIB − − − − 6.0 5.5 mA Input Bias Current Change −8.0 Vdc ≥ VI ≥ −20 Vdc 1.0 mA ≤ IO ≤ 40 mA IIB − − − − 1.5 0.1 mA Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 40 − mV Ripple Rejection (−8.0 ≥ VI ≥ −18 Vdc, f = 120 Hz, TJ = +25°C) RR 41 49 − dB Dropout Voltage (IO = 40 mA, TJ = +25°C) |VI−VO| − 1.7 − Vdc Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. |
Similar Part No. - MC79L12ABPRAG |
|
Similar Description - MC79L12ABPRAG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |