Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP502SQ34T2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP502SQ34T2G
Description  80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP502SQ34T2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP502SQ34T2G Datasheet HTML 1Page - ON Semiconductor NCP502SQ34T2G Datasheet HTML 2Page - ON Semiconductor NCP502SQ34T2G Datasheet HTML 3Page - ON Semiconductor NCP502SQ34T2G Datasheet HTML 4Page - ON Semiconductor NCP502SQ34T2G Datasheet HTML 5Page - ON Semiconductor NCP502SQ34T2G Datasheet HTML 6Page - ON Semiconductor NCP502SQ34T2G Datasheet HTML 7Page - ON Semiconductor NCP502SQ34T2G Datasheet HTML 8Page - ON Semiconductor NCP502SQ34T2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCP502, NCV502
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Vin = Vout(nom.) + 2.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TA = 25
°C, Iout = 10 mA) Vin = Vout (nom.) +1.0 V
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
2.9 V
3.0 V
3.1 V
3.3 V
3.4 V
3.5 V
3.6 V
3.7 V
5.0 V
Vout
1.455
1.746
2.425
2.646
2.744
2.842
2.94
3.038
3.234
3.332
3.43
3.528
3.626
4.900
1.5
1.8
2.5
2.7
2.8
2.9
3.0
3.1
3.3
3.4
3.5
3.6
3.7
5.0
1.545
1.854
2.575
2.754
2.856
2.958
3.06
3.162
3.366
3.468
3.57
3.672
3.774
5.100
V
Output Voltage (TA = Tlow to Thigh, Iout = 10 mA) Vin = Vout (nom.)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
2.9 V
3.0 V
3.1 V
3.3 V
3.4 V
3.5 V
3.6 V
3.7 V
5.0 V
Vout
1.455
1.746
2.425
2.619
2.716
2.813
2.910
3.007
3.201
3.298
3.43
3.528
3.626
4.900
1.5
1.8
2.5
2.7
2.8
2.9
3.0
3.1
3.3
3.4
3.5
3.6
3.7
5.0
1.545
1.854
2.575
2.781
2.884
2.987
3.09
3.193
3.399
3.502
3.57
3.672
3.774
5.100
V
Line Regulation (Vin = Vout + 1.0 V to 12 V, Iout = 10 mA)
Regline
0.4
3.0
mV/V
Load Regulation (Iout = 1.0 mA to 80 mA)
Regload
0.2
0.8
mV/mA
Output Current (Vout = (Vout at Iout = 80 mA) −3%)
Io(nom.)
80
180
mA
Dropout Voltage (TA = Tlow to Thigh, Iout = 80 mA, Measured at Vout
−3.0%)
1.5 V−1.7 V
1.8 V−2.4 V
2.5 V−2.6 V
2.7 V−2.9 V
3.0 V−4.0 V
4.1 V−5.0 V
NCV502 − 5.0 V
Vin−Vout
1500
1300
1000
850
850
600
700
1900
1700
1400
1300
1200
900
1100
mV
Quiescent Current
(Enable Input = 0 V)
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IQ
0.1
40
1.0
90
mA
Output Short Circuit Current (Vout = 0 V)
Iout(max)
90
200
500
mA
Ripple Rejection (f = 1.0 kHz, 15 mA)
RR
55
dB
Output Voltage Noise (f = 100 Hz to 100 kHz)
Vn
180
mVrms
Enable Input Threshold Voltage (NCP502)
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(en)
1.3
0.3
V
Output Voltage Temperature Coefficient
TC
100
ppm/
°C
4. Maximum package power dissipation limits must be observed.
PD
+
TJ(max) *TA
R
qJA
5. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCP502SQ34T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP502SQ34T2G ONSEMI-NCP502SQ34T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP502SQ34T2G ONSEMI-NCP502SQ34T2G Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
More results

Similar Description - NCP502SQ34T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com