Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP706MX21TAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP706MX21TAG
Description  Precision Very Low Dropout Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP706MX21TAG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP706MX21TAG Datasheet HTML 1Page - ON Semiconductor NCP706MX21TAG Datasheet HTML 2Page - ON Semiconductor NCP706MX21TAG Datasheet HTML 3Page - ON Semiconductor NCP706MX21TAG Datasheet HTML 4Page - ON Semiconductor NCP706MX21TAG Datasheet HTML 5Page - ON Semiconductor NCP706MX21TAG Datasheet HTML 6Page - ON Semiconductor NCP706MX21TAG Datasheet HTML 7Page - ON Semiconductor NCP706MX21TAG Datasheet HTML 8Page - ON Semiconductor NCP706MX21TAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCP706
www.onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 V to 6 V
V
Output Voltage
VOUT
−0.3 V to VIN + 0.3 V
V
Enable Input
VEN
−0.3 V to VIN + 0.3 V
V
Output Short Circuit Duration
tSC
Indefinite
s
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114
Latch−up Current Maximum Rating tested per JEDEC standard: JESD78
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN8 1.6x1.2, 04P
Thermal Resistance, Junction−to−Air
RqJA
160
°C/W


Similar Part No. - NCP706MX21TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP706MX21TAG ONSEMI-NCP706MX21TAG Datasheet
505Kb / 12P
   1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2013 ??Rev. 2
NCP706MX21TAG ONSEMI-NCP706MX21TAG Datasheet
621Kb / 16P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2015 ??Rev. 7
NCP706MX21TAG ONSEMI-NCP706MX21TAG Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
More results

Similar Description - NCP706MX21TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
NCP706A ONSEMI-NCP706A Datasheet
330Kb / 9P
   Precision Very Low Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP706 ONSEMI-NCP706_16 Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
NCP706 ONSEMI-NCP706 Datasheet
505Kb / 12P
   1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2013 ??Rev. 2
logo
Motorola, Inc
L4949 MOTOROLA-L4949 Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
TelCom Semiconductor, I...
TC4949 TELCOM-TC4949 Datasheet
352Kb / 9P
   Multifunction Very Low Dropout Voltage Regulator
logo
ON Semiconductor
L4949 ONSEMI-L4949 Datasheet
191Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
NCP708 ONSEMI-NCP708 Datasheet
80Kb / 6P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com