Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP553SQ18T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP553SQ18T1G
Description  CMOS Low Iq NOCAP Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP553SQ18T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP553SQ18T1G Datasheet HTML 1Page - ON Semiconductor NCP553SQ18T1G Datasheet HTML 2Page - ON Semiconductor NCP553SQ18T1G Datasheet HTML 3Page - ON Semiconductor NCP553SQ18T1G Datasheet HTML 4Page - ON Semiconductor NCP553SQ18T1G Datasheet HTML 5Page - ON Semiconductor NCP553SQ18T1G Datasheet HTML 6Page - ON Semiconductor NCP553SQ18T1G Datasheet HTML 7Page - ON Semiconductor NCP553SQ18T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCP553, NCV553
www.onsemi.com
4
DEFINITIONS
Load Regulation
The change in output voltage for a change in output
current at a constant temperature.
Dropout Voltage
The input/output differential at which the regulator output
no longer maintains regulation against further reductions in
input voltage. Measured when the output drops 3.0% below
its nominal. The junction temperature, load current, and
minimum input supply requirements affect the dropout level.
Maximum Power Dissipation
The maximum total dissipation for which the regulator
will operate within its specifications.
Quiescent Current
The quiescent current is the current which flows through
the ground when the LDO operates without a load on its
output: internal IC operation, bias, etc. When the LDO
becomes loaded, this term is called the Ground current. It is
actually the difference between the input current (measured
through the LDO input pin) and the output current.
Line Regulation
The change in output voltage for a change in input voltage.
The measurement is made under conditions of low
dissipation or by using pulse technique such that the average
chip temperature is not significantly affected.
Line Transient Response
Typical over and undershoot response when input voltage
is excited with a given slope.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated at typically 160
°C,
the regulator turns off. This feature is provided to prevent
failures from accidental overheating.
Maximum Package Power Dissipation
The maximum power package dissipation is the power
dissipation level at which the junction temperature reaches
its maximum operating value, i.e. 125
°C. Depending on the
ambient power dissipation and thus the maximum available
output current.


Similar Part No. - NCP553SQ18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
More results

Similar Description - NCP553SQ18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP512 ONSEMI-NCP512_09 Datasheet
142Kb / 9P
   CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com