Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950ACZ-3.0G Datasheet(PDF) 4 Page - ON Semiconductor

Part # LP2950ACZ-3.0G
Description  Low Power Low Dropout Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950ACZ-3.0G Datasheet(HTML) 4 Page - ON Semiconductor

  LP2950ACZ-3.0G Datasheet HTML 1Page - ON Semiconductor LP2950ACZ-3.0G Datasheet HTML 2Page - ON Semiconductor LP2950ACZ-3.0G Datasheet HTML 3Page - ON Semiconductor LP2950ACZ-3.0G Datasheet HTML 4Page - ON Semiconductor LP2950ACZ-3.0G Datasheet HTML 5Page - ON Semiconductor LP2950ACZ-3.0G Datasheet HTML 6Page - ON Semiconductor LP2950ACZ-3.0G Datasheet HTML 7Page - ON Semiconductor LP2950ACZ-3.0G Datasheet HTML 8Page - ON Semiconductor LP2950ACZ-3.0G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LP2950, LP2951, NCV2951
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS
(Vin = VO + 1.0 V, IO = 100 mA, CO = 1.0 mF, TA = 25°C [Note 3], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage, 5.0 V Versions
VO
V
Vin = 6.0 V, IO = 100 mA, TA = 25°C
LP2950C−5.0/LP2951C/NCV2951C*
4.950
5.000
5.050
LP2950AC−5.0/LP2951AC/NCV2951AC*
4.975
5.000
5.025
TA = − 40 to +125°C
LP2950C−5.0/LP2951C/NCV2951C*
4.900
5.100
LP2950AC−5.0/LP2951AC/NCV2951AC*
4.940
5.060
Vin = 6.0 to 30 V, IO = 100 mA to 100 mA, TA = − 40 to +125°C
LP2950C−5.0/LP2951C/NCV2951C*
4.880
5.120
LP2950AC−5.0/LP2951AC/NCV2951AC*
4.925
5.075
Output Voltage, 3.3 V Versions
VO
V
Vin = 4.3 V, IO = 100 mA, TA = 25°C
LP2950C−3.3/LP2951C−3.3
3.267
3.300
3.333
LP2950AC−3.3/LP2951AC−3.3/NCV2951AC−3.3*
3.284
3.300
3.317
TA = − 40 to +125°C
LP2950C−3.3/LP2951C−3.3
3.234
3.366
LP2950AC−3.3/LP2951AC−3.3/NCV2951AC−3.3*
3.260
3.340
Vin = 4.3 to 30 V, IO = 100 mA to 100 mA, TA = − 40 to +125°C
LP2950C−3.3/LP2951C−3.3
3.221
3.379
LP2950AC−3.3/LP2951AC−3.3/NCV2951AC−3.3*
3.254
3.346
Output Voltage, 3.0 V Versions
VO
V
Vin = 4.0 V, IO = 100 mA, TA = 25°C
LP2950C−3.0/LP2951C−3.0
2.970
3.000
3.030
LP2950AC−3.0/LP2951AC−3.0
2.985
3.000
3.015
TA = − 40 to +125°C
LP2950C−3.0/LP2951C−3.0
2.940
3.060
LP2950AC−3.0/LP2951AC−3.0
2.964
3.036
Vin = 4.0 to 30 V, IO = 100 mA to 100 mA, TA = − 40 to +125°C
LP2950C−3.0/LP2951C−3.0
2.928
3.072
LP2950AC−3.0/LP2951AC−3.0
2.958
3.042
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. The Junction−to−Ambient Thermal Resistance is determined by PCB copper area per Figure 29.
2. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM), 2000 V, Class 2, JESD22 A114−C
Machine Model (MM), 200 V, Class B, JESD22 A115−A
Charged Device Model (CDM), 2000 V, Class IV, JESD22 C101−C
3. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
4. VO(nom) is the part number voltage option.
5. Noise tests on the LP2951 are made with a 0.01
mF capacitor connected across Pins 7 and 1.
*NCV prefix is for automotive and other applications requiring site and change control.


Similar Part No. - LP2950ACZ-3.0G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950ACZ-3.0G ONSEMI-LP2950ACZ-3.0G Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
More results

Similar Description - LP2950ACZ-3.0G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6250C AITSEMI-A6250C Datasheet
996Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW POWER LOW DROPOUT MIDDLE CURRENT
REV1.4
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com