Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ1SMB Datasheet(PDF) 8 Page - Littelfuse

Part # SZ1SMB
Description  The SZ1SMB series is designed to protect voltage sensitive components from high voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SZ1SMB Datasheet(HTML) 8 Page - Littelfuse

  SZ1SMB Datasheet HTML 1Page - Littelfuse SZ1SMB Datasheet HTML 2Page - Littelfuse SZ1SMB Datasheet HTML 3Page - Littelfuse SZ1SMB Datasheet HTML 4Page - Littelfuse SZ1SMB Datasheet HTML 5Page - Littelfuse SZ1SMB Datasheet HTML 6Page - Littelfuse SZ1SMB Datasheet HTML 7Page - Littelfuse SZ1SMB Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/14/17
TVS Diodes
Surface Mount > 600W > SZ1SMB Series
Dimensions
Part Marking System
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P.
Soldering Footrpint
Physical Specifications
Case
Void-free, transfer-molded,
thermosetting plastic
Polarity
Cathode indicated by polarity band
Mounting Position
Any
Finish
All external surfaces are corrosion
resistant and leads are readily solderable
Leads
Modified L−Bend providing more contact
area to bond pads
ORDERING INFORMATION
Device**
Package
Shipping†
SZ1SMBxxAT3G
SMB
(Pb−Free)
2,500 /
Tape & Reel
SZ1SMBxxCAT3G
SMB
(Pb−Free)
2,500 /
Tape & Reel
E
bD
L
c
A
A1
POLARITY INDICATOR
OPTIONAL AS NEEDED
(SEE STYLES)
HE
Flow/Wave Soldering (Solder Dipping)
Peak Temperature :
260ºC
Dipping Time :
10 seconds
D
Dim
Inches
Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.077
0.091
0.097
1.95
2.30
2.47
A1
0.002
0.004
0.008
0.05
0.10
0.20
b
0.077
0.080
0.087
1.96
2.03
2.20
c
0.006
0.09
0.012
0.15
0.23
0.31
D
0.130
0.140
0.156
3.30
3.56
3.95
E
0.160
0.170
0.181
4.06
4.32
4.60
H
E
0.205
0.214
0.220
5.21
5.44
5.60
L
0.030
0.040
0.063
0.76
1.02
1.60
L1
0.020 REF
0.51 REF
Unidirectional
Bidirectional
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete
Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.


Similar Part No. - SZ1SMB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZ1SMB10CAT3G ONSEMI-SZ1SMB10CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB28AT3G ONSEMI-SZ1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB36CAT3G ONSEMI-SZ1SMB36CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB5.0AT3G ONSEMI-SZ1SMB5.0AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results

Similar Description - SZ1SMB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1SMB10CAT3G LITTELFUSE-1SMB10CAT3G Datasheet
730Kb / 6P
   The 1SMB10CAT3Gv series is designed to protect voltage sensitive components from high voltage
1SMA5.0AT3G LITTELFUSE-1SMA5.0AT3G Datasheet
723Kb / 5P
   The 1SMA5.0AT3G series is designed to protect voltage sensitive components from high voltage
1SMA10CAT3G LITTELFUSE-1SMA10CAT3G Datasheet
733Kb / 5P
   The 1SMA10CAT3G series is designed to protect voltage sensitive components from high voltage
SMF5.0AT1G LITTELFUSE-SMF5.0AT1G Datasheet
849Kb / 5P
   The SMF5.0AT1G Series is designed to protect voltage sensitive components from high voltage
1.5SMCXXAT3G LITTELFUSE-1.5SMCXXAT3G Datasheet
767Kb / 5P
   The 1.5SMCxxAT3G series is designed to protect voltage sensitive components from high voltage
1PMT5.0AT1G-T3G LITTELFUSE-1PMT5.0AT1G-T3G Datasheet
647Kb / 5P
   The 1PMT5.0AT1G/T3G Series is designed to protect voltage sensitive components from high voltage
logo
Guangdong Youtai Semico...
ESD5B5.0ST1G UMW-ESD5B5.0ST1G Datasheet
304Kb / 3P
   The ESD5B5.0ST1G Series is designed to protect voltage sensitive components from ESD.
logo
Littelfuse
SA5-0A-D LITTELFUSE-SA5-0A-D Datasheet
308Kb / 5P
   The SA5.0A series is designed to protect voltage sensitive components from high voltage, high energy transients
logo
Guangdong Youtai Semico...
ESD5ZXX UMW-ESD5ZXX Datasheet
299Kb / 5P
   The ESD5Zxx Series is designed to protect voltage sensitive components from ESD and transient voltage events.
LESD3Z5.0CMT1G UMW-LESD3Z5.0CMT1G Datasheet
463Kb / 4P
   The LESD3Z5.0CMT1G is designed to protect voltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com