Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF5.0AT1G Datasheet(PDF) 5 Page - Littelfuse

Part # SMF5.0AT1G
Description  The SMF5.0AT1G Series is designed to protect voltage sensitive components from high voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMF5.0AT1G Datasheet(HTML) 5 Page - Littelfuse

  SMF5.0AT1G Datasheet HTML 1Page - Littelfuse SMF5.0AT1G Datasheet HTML 2Page - Littelfuse SMF5.0AT1G Datasheet HTML 3Page - Littelfuse SMF5.0AT1G Datasheet HTML 4Page - Littelfuse SMF5.0AT1G Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/13/17
TVS Diodes
Surface Mount > 200W > SMF5.0AT1G Series
Dimensions
Part Marking System
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH.
4. DIMENSIONS D AND J ARE TO BE MEASURED ON FLAT SECTION
OF THE LEAD: BETWEEN 0.10 AND 0.25 MM FROM THE LEAD TIP.
Physical Specifications
Case
Void-free, transfer-molded, thermosetting
plastic Epoxy Meets UL 94 V−0
Lead Finish
100% Matte Sn (Tin)
Mounting Position
Any
ORDERING INFORMATION
Device
Package
Shipping†
SMFxxxAT1G
SOD−123FL
(Pb−Free)
3,000 /
Tape & Reel
Flow/Wave Soldering (Solder Dipping)
Peak Temperature :
260ºC
Device Meets MSL 1
Requirements
Dim
Inches
Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.035
0.037
0.039
0.90
0.95
0.98
A1
0.000
0.002
0.004
0.00
0.05
0.10
b
0.028
0.035
0.043
0.70
0.90
1.10
c
0.004
0.006
0.008
0.10
0.15
0.20
D
0.059
0.065
0.071
1.50
1.65
1.80
E
0.098
0.106
0.114
2.50
2.70
2.90
L
0.022
0.030
0.037
0.55
0.75
0.95
H
E
0.134
0.142
0.150
3.40
3.60
3.80
0
Soldering Footrpint
1
2
D
E
b
A
A1
L
c
POLARITY INDICATOR
OPTIONAL AS NEEDED
TOP VIEW
BOTTOM VIEW
SIDE VIEW
HE
2X
2X
END VIEW
2
1
Disclaimer Notice - Information furnished is believed to be accurate and
reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete
Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.


Similar Part No. - SMF5.0AT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
129Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results

Similar Description - SMF5.0AT1G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1SMB10CAT3G LITTELFUSE-1SMB10CAT3G Datasheet
730Kb / 6P
   The 1SMB10CAT3Gv series is designed to protect voltage sensitive components from high voltage
1SMA5.0AT3G LITTELFUSE-1SMA5.0AT3G Datasheet
723Kb / 5P
   The 1SMA5.0AT3G series is designed to protect voltage sensitive components from high voltage
1SMA10CAT3G LITTELFUSE-1SMA10CAT3G Datasheet
733Kb / 5P
   The 1SMA10CAT3G series is designed to protect voltage sensitive components from high voltage
1.5SMCXXAT3G LITTELFUSE-1.5SMCXXAT3G Datasheet
767Kb / 5P
   The 1.5SMCxxAT3G series is designed to protect voltage sensitive components from high voltage
SZ1SMB LITTELFUSE-SZ1SMB Datasheet
800Kb / 8P
   The SZ1SMB series is designed to protect voltage sensitive components from high voltage
1PMT5.0AT1G-T3G LITTELFUSE-1PMT5.0AT1G-T3G Datasheet
647Kb / 5P
   The 1PMT5.0AT1G/T3G Series is designed to protect voltage sensitive components from high voltage
logo
Guangdong Youtai Semico...
ESD5B5.0ST1G UMW-ESD5B5.0ST1G Datasheet
304Kb / 3P
   The ESD5B5.0ST1G Series is designed to protect voltage sensitive components from ESD.
logo
Littelfuse
SA5-0A-D LITTELFUSE-SA5-0A-D Datasheet
308Kb / 5P
   The SA5.0A series is designed to protect voltage sensitive components from high voltage, high energy transients
logo
Guangdong Youtai Semico...
ESD5ZXX UMW-ESD5ZXX Datasheet
299Kb / 5P
   The ESD5Zxx Series is designed to protect voltage sensitive components from ESD and transient voltage events.
LESD3Z5.0CMT1G UMW-LESD3Z5.0CMT1G Datasheet
463Kb / 4P
   The LESD3Z5.0CMT1G is designed to protect voltage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com