Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTS-18-12B Datasheet(PDF) 1 Page - Mini-Circuits

Part No. MTS-18-12B
Description  Transfer Switch
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MTS-18-12B Datasheet(HTML) 1 Page - Mini-Circuits

  MTS-18-12B Datasheet HTML 1Page - Mini-Circuits MTS-18-12B Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Outline Dimensions (
)
inch
mm
Features
• (ATE) automatic test equipment
• reliable "sleeptime" switching
• redundancy switching for microwave radio
• low insertion loss, 0.2 dB typ.
• high isolation, 85 dB typ.
• high power handling, 10W
• ultra reliable
• break-before-make configuration
• failsafe microwave transfer switch
• protected by US Patents 5,272,458; 6,414,577; 6,650,210;
7,633,361; 7,843,289
Applications
CASE STYLE: DS810
Outline Drawing
MTS-18-12B+
TransferSwitch
50
W
DC to 18 GHz
12 Volt
Connectors
Model
SMA
MTS-18-12B+
Switching States
A
B
C
D
E
F
G
H
1.97
1.02
.53
.800
.240
.19
.150
2.18
50.04
25.91
13.46
20.32
6.10
4.83
3.81
55.37
J
K
L
M
N
P
wt
1.800
.800
.400
.380
.06
.38
grams
45.72
20.32
10.16
9.65
1.52
9.65
70
Marking Drawing
DE-ENERGIZED DC=0V
J1
J2
J3
J4
ENERGIZED DC=12V
J1
J2
J3
J4
Maximum Ratings
Operating Temperature
-15°C to +45°C
Storage Temperature
-15°C to +85°C
RF Power (any single port)
10W
Control Voltage
13VDC
Permanent damage may occur if any of these limits are exceeded.
Electrical Specifications
Additional Specifications
Operating Voltage Range
12V (nom) ±1V
Switching Time (Typ.)
20ms
Life3 (Min.)
1year/10 million switch cycles
Notes
1. To achieve specified life, hot switching RF power must not exceed this level.
2. Degradation in life (min.) to typically 3 million switch cycles for hot switch at this
RF power level.
3. Tested at 0 dBm RF power.
FREQUENCY
(GHz)
INSERTION
LOSS
(dB)
ISOLATION
(dB)
VSWR
(:1)
DC CURRENT
@+12V
(mA)
RF POWER
COLD
SWITCHING
(W)
RF POWER
HOT
SWITCHING
(W)
Max.
Typ.
Max.
Typ. Min.
Typ.
Max.
Typ. Max.
Max.
Note 1
Note 2
DC - 1
0.10
0.15
100
85
1.05
1.10
350
430
10
0.1
1.0
1 - 8
0.10
0.25
90
75
1.15
1.20
8 - 12
0.20
0.36
86
70
1.15
1.30
12 - 18
0.25
0.45
76
60
1.15
1.30
12 VDC
MTS-18-12B+
+12 VDC
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
HT-Series
Tight Spot
SMA Wrench
From $24.95
Click Here
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. C
M156471
MTS-18-12B+
AR/TH/CP
160520
Page 1 of 2
Xtra Long Life


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn