Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MA Datasheet(PDF) 45 Page - Micrel Semiconductor

Part # KS8995MA
Description  Integrated 5-Port 10/100 Managed Switch
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MA Datasheet(HTML) 45 Page - Micrel Semiconductor

Back Button KS8995MA Datasheet HTML 41Page - Micrel Semiconductor KS8995MA Datasheet HTML 42Page - Micrel Semiconductor KS8995MA Datasheet HTML 43Page - Micrel Semiconductor KS8995MA Datasheet HTML 44Page - Micrel Semiconductor KS8995MA Datasheet HTML 45Page - Micrel Semiconductor KS8995MA Datasheet HTML 46Page - Micrel Semiconductor KS8995MA Datasheet HTML 47Page - Micrel Semiconductor KS8995MA Datasheet HTML 48Page - Micrel Semiconductor KS8995MA Datasheet HTML 49Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
May 2005
45
M9999-051305
KS8995MA
Micrel, Inc.
Address
Name
Description
Mode
Default
5
Transmit Sniff
1, All the packets transmitted on the port will be marked
R/W
0
as “monitored packets” and forwarded to the designated
“sniffer port.”
0, no transmit monitoring.
4-0
Port VLAN Membership
Define the port’s “Port VLAN membership.” Bit 4 stands
R/W
0x1f
for port 5, bit 3 for port 4...bit 0 for port 1. The port can
only communicate within the membership. A ‘1’ includes
a port in the membership, a ‘0’ excludes a port from
membership.
Register 18 (0x12): Port 1 Control 2
Register 34 (0x22): Port 2 Control 2
Register 50 (0x32): Port 3 Control 2
Register 66 (0x42): Port 4 Control 2
Register 82 (0x52): Port 5 Control 2
Address
Name
Description
Mode
Default
7
Reserved
Reserved.
0x0
6
Ingress VLAN Filtering.
1, the switch will discard packets whose VID port
R/W
0
membership in VLAN table bit[20:16] does not include
the ingress port.
0, no ingress VLAN filtering.
5
Discard Non-PVID Packets. 1, the switch will discard packets whose VID does not
R/W
0
match ingress port default VID.
0, no packets will be discarded.
4
Force Flow Control
1, will always enable Rx and Tx flow control on the port,
R/W
0
regardless of AN result.
For port 4 only,
0, the flow control is enabled based on AN result.
there is a special
Note: Setting a port for both half-duplex and forced
configuration pin
flow control is an illegal configuration. For half-duplex
to set the default,
enable back pressure.
Pin PCOL strap
option. Pull-down
(0): No Force flow
control. Pull-up
(1): Force flow
control.
Note: PCOL has
internal pull-down.
3
Back Pressure Enable
1, enable port’s half-duplex back pressure.
R/W
Pin PMRXD2 strap
0, disable port’s half-duplex back pressure.
option. Pull-down
(0): disable back
pressure. Pull-up
(1): enable back
pressure.
Note: PMRXD2 has
internal pull-down.
2
Transmit Enable
1, enable packet transmission on the port.
R/W
1
0, disable packet transmission on the port.
1
Receive Enable
1, enable packet reception on the port.
R/W
1
0, disable packet reception on the port.
0
Learning Disable
1, disable switch address learning capability.
R/W
0
0, enable switch address learning.
Note:
Bits 2-0 are used for spanning tree support. See “Spanning Tree Support” section.


Similar Part No. - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com