Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9R860PF2 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # ISL9R860PF2
Description  8A, 600V Stealth Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

ISL9R860PF2 Datasheet(HTML) 4 Page - Samsung semiconductor

  ISL9R860PF2 Datasheet HTML 1Page - Samsung semiconductor ISL9R860PF2 Datasheet HTML 2Page - Samsung semiconductor ISL9R860PF2 Datasheet HTML 3Page - Samsung semiconductor ISL9R860PF2 Datasheet HTML 4Page - Samsung semiconductor ISL9R860PF2 Datasheet HTML 5Page - Samsung semiconductor ISL9R860PF2 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2003 Fairchild Semiconductor Corporation
ISL9R860PF2 Rev. A
Figure 7. Reverse Recovery Softness Factor vs dIF/dt
Figure 8. Reverse Recovery Charge vs dIF/dt
Figure 9. Junction Capacitance vs Reverse Voltage
Figure 10. DC Current Derating Curve
Figure 11. Normalized Maximum Transient Thermal Impedance
Typical Performance Curves (Continued)
dIF/dt, CURRENT RATE OF CHANGE (A/µs)
100
1
2
3
4
5
6
700
1000
VR = 390V, TJ = 125°C
IF = 16A
IF = 8A
IF = 4A
200
300
400
500
600
800
900
dIF/dt, CURRENT RATE OF CHANGE (A/µs)
50
100
150
200
250
300
350
VR = 390V, TJ = 125°C
IF = 16A
IF = 8A
IF = 4A
100
700
1000
200
300
400
500
600
800
900
VR, REVERSE VOLTAGE (V)
0
200
400
600
800
1000
1200
0.1
100
10
1
4
0
100
50
150
6
8
10
TC, CASE TEMPERATURE (
oC)
125
75
2
t, RECTANGULAR PULSE DURATION (s)
10-5
10-2
10-1
0.01
10-4
10-3
SINGLE PULSE
100
0.1
101
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
PDM
t1
t2
1.0
0.001
2.0


Similar Part No. - ISL9R860PF2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9R860PF2 FAIRCHILD-ISL9R860PF2 Datasheet
139Kb / 6P
   8A, 600V Stealth??Diode
More results

Similar Description - ISL9R860PF2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9R860P2 FAIRCHILD-ISL9R860P2 Datasheet
129Kb / 6P
   8A, 600V Stealth??Diode
ISL9860PF2 FAIRCHILD-ISL9860PF2 Datasheet
142Kb / 6P
   8A, 600V Stealth Diode
ISL9R860PF2 FAIRCHILD-ISL9R860PF2 Datasheet
139Kb / 6P
   8A, 600V Stealth??Diode
ISL9R860P2 FAIRCHILD-ISL9R860P2_09 Datasheet
330Kb / 8P
   8A, 600V Stealth??Diode
ISL9K860P3 FAIRCHILD-ISL9K860P3 Datasheet
144Kb / 6P
   8A, 600V Stealth??Dual Diode
ISL9R8120P2 FAIRCHILD-ISL9R8120P2 Datasheet
145Kb / 6P
   8A, 1200V Stealth??Diode
ISL9K8120P3 FAIRCHILD-ISL9K8120P3 Datasheet
140Kb / 6P
   8A, 1200V Stealth??Dual Diode
ISL9R1560S3S FAIRCHILD-ISL9R1560S3S Datasheet
131Kb / 7P
   15A, 600V Stealth??Diode
ISL9R460PF2 FAIRCHILD-ISL9R460PF2_09 Datasheet
671Kb / 7P
   4A, 600V Stealth??Diode
FF1N30HS60DD FAIRCHILD-FF1N30HS60DD Datasheet
166Kb / 6P
   30A, 600V Stealth Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com