Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHB34 Datasheet(PDF) 4 Page - Littelfuse

Part # DHB34
Description  The DHB34 Series of transient surge suppressors is comprised of two industrial high-energy Metal-Oxide
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DHB34 Datasheet(HTML) 4 Page - Littelfuse

  DHB34 Datasheet HTML 1Page - Littelfuse DHB34 Datasheet HTML 2Page - Littelfuse DHB34 Datasheet HTML 3Page - Littelfuse DHB34 Datasheet HTML 4Page - Littelfuse DHB34 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/14/17
Metal-Oxide Varistors (MOVs)
Industrial High Energy Terminal Varistors > DHB34 Series
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (Ts(min))
150°C
- Temperature Max (Ts(max))
200°C
- Time (min to max) (ts)
60 – 180 secs
Average ramp up–rate (Liquidus Temp (TL)
to peak
5°C/second max
TS(max) to TL - Ramp-up Rate
5°C/second max
Reflow
- Temperature (TL) (Liquidus)
217°C
- Temperature (tL)
60 – 150 seconds
Peak Temperature (TP)
250+0/-5 °C
Time within 5°C of actual peak
Temperature (tp)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peak Temperature (TP)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Operating/Storage
Temperature
-55°C to +85°C/-55°C to +125°C
Humidity Aging
+85°C, 85% RH, 1000 hours
+/-10% Voltage change
Thermal Shock
+85°C to -40°C 5 times
+/-10% Voltage change
Solvent Resistance
MIL–STD–202, Method 215
Moisture Sensitivity
Level 1, J-STD-020
Lead Material
Tin–coated Copper
Soldering
Characteristics
Solderability per MIL–STD–202,
Method 208
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V–0 requirements.
Device Labeling
Marked with LF, voltage, amperage rating,
and date code.
Physical Specifications
Environmental Specifications
Lead–free Profile
Non Lead–free Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 240C
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 260C
Figure 5
Figure 6


Similar Part No. - DHB34

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DHB-12K1UT-24 MEANWELL-DHB-12K1UT-24 Datasheet
203Kb / 8P
   3200~12800W 1U Distributed Power/Charger System
DHB-12K1UT-48 MEANWELL-DHB-12K1UT-48 Datasheet
203Kb / 8P
   3200~12800W 1U Distributed Power/Charger System
logo
Jiangsu Donghai Semicon...
DHB10N40 WXDH-DHB10N40 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - DHB34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HB34 LITTELFUSE-HB34 Datasheet
969Kb / 8P
   The HB34, HF34, and HG34 Series of transient surge suppressors are industrial high-energy Metal-Oxide Varistors
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
CITIZEN ELECTRONICS CO....
LCN-C01B CITIZEN-LCN-C01B Datasheet
834Kb / 16P
   This product (LCN) is comprised of two different CCTs, and is to be driven using the 4 terminals
logo
Littelfuse
MLA LITTELFUSE-MLA Datasheet
897Kb / 9P
   The MLA Series family of transient voltage surge suppression devices is based on the Littelfuse
V302AS32 LITTELFUSE-V302AS32 Datasheet
184Kb / 4P
   High Energy Metal-Oxide Arrester Blocks
logo
Roithner LaserTechnik G...
RLT1260-800-HHL ROITHNER-RLT1260-800-HHL Datasheet
357Kb / 2P
   is the series of high-power multimode
logo
Littelfuse
470 LITTELFUSE-470 Datasheet
541Kb / 3P
   The 470 series is a family of 125V rated high energy SMD fuses
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
logo
Littelfuse
ULTRAMOV LITTELFUSE-ULTRAMOV Datasheet
1Mb / 11P
   The UltraMOV짰 Metal Oxide Varistor Series is designed for applications requiring high peak surge current ratings
logo
Vishay Siliconix
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com