Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU039-1205C8 Datasheet(PDF) 4 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU039-1205C8
Description  CITIZEN ELECTRONICS is the first COB manufacture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU039-1205C8 Datasheet(HTML) 4 Page - CITIZEN ELECTRONICS CO., LTD.

  CLU039-1205C8 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLU039-1205C8 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU039-1205C8 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU039-1205C8 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU039-1205C8 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU039-1205C8 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU039-1205C8 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU039-1205C8 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU039-1205C8 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Ref.CE-0160P-201801
2-3. Chromaticity Characteristics
4
2,700K
( 0.4578 , 0.4101 )
3,000K
( 0.4339 , 0.4033 )
3,500K
( 0.4078 , 0.3930 )
4,000K
( 0.3818 , 0.3797 )
0.00951
0.00417
52.97
0.00939
0.00402
54.00
Color Region
Nominal
CCT
Center Point
( x, y )
Oval parameter
Major Axis
a
Minor Axis
b
Ellipse
Rotation Angle
θ
( Rated current, Tj=85C )
57.28
0.00834
0.00408
53.17
0.00774
0.00411
3-step MacAdam ellipse
* Color region stay within MacAdam 3-step ellipse from the chromaticity center.
* The chromaticity center refers to ANSI C78.377:2017.
* θ is the angle between the major axis of the ellipse and the x-axis, and a and b are the major and minor semi-axes of an ellipse.
( Ref. IEC 60081:1997 AnnexD )
Note : Citizen Electronics maintains chromaticity ( x, y ) +/-0.005
0.30
0.35
0.40
0.45
0.30
0.35
0.40
0.45
0.50
x
x-y chart CIE1931
4,000K
3,500K
3,000K
2,700K
Black
Body
Locus
3-step


Similar Part No. - CLU039-1205C8

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU039-1206C8 CITIZEN-CLU039-1206C8 Datasheet
691Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU039-1206C8-273H5R2 CITIZEN-CLU039-1206C8-273H5R2 Datasheet
691Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU039-1206C8-303H5R2 CITIZEN-CLU039-1206C8-303H5R2 Datasheet
691Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU039-1206C8-353H5R2 CITIZEN-CLU039-1206C8-353H5R2 Datasheet
691Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU039-1206C8-403H5R2 CITIZEN-CLU039-1206C8-403H5R2 Datasheet
691Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
More results

Similar Description - CLU039-1205C8

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU048-1812C4-22AL1K3 CITIZEN-CLU048-1812C4-22AL1K3 Datasheet
548Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU059-3618C8 CITIZEN-CLU059-3618C8 Datasheet
585Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1202C8 CITIZEN-CLU029-1202C8 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1203C8 CITIZEN-CLU029-1203C8 Datasheet
650Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1204C8 CITIZEN-CLU029-1204C8 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU039-1208C8 CITIZEN-CLU039-1208C8 Datasheet
692Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU048-1212C4-22AL1K3 CITIZEN-CLU048-1212C4-22AL1K3 Datasheet
548Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU049-1812C8 CITIZEN-CLU049-1812C8 Datasheet
698Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU049-1818C8 CITIZEN-CLU049-1818C8 Datasheet
698Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-0603C8 CITIZEN-CLU029-0603C8 Datasheet
627Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com