Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU029-1204C8-353H5R2 Datasheet(PDF) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU029-1204C8-353H5R2
Description  CITIZEN ELECTRONICS is the first COB manufacture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU029-1204C8-353H5R2 Datasheet(HTML) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLU029-1204C8-353H5R2 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1204C8-353H5R2 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1204C8-353H5R2 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1204C8-353H5R2 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1204C8-353H5R2 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1204C8-353H5R2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1204C8-353H5R2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1204C8-353H5R2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1204C8-353H5R2 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Ref.CE-0134P-201801
4. Characteristic Curves
4-1. Forward Current Characteristics / Temperature Characteristics
6
Forward Current vs. Forward Voltage
Forward Current vs. Relative Luminous Flux
Tc=25C
Tc=25C
Case Temperature vs. Forward Voltage
Case Temperature vs. Relative Luminous Flux
If=480mA
If=480mA
30.0
32.0
34.0
36.0
38.0
40.0
42.0
0
300
600
900
1200
1500
If [mA]
0%
50%
100%
150%
200%
250%
300%
0
300
600
900
1200
1500
If [mA]
32.0
33.0
34.0
35.0
36.0
37.0
0
20
40
60
80
100 120 140
Tc [C]
0%
20%
40%
60%
80%
100%
120%
0
20
40
60
80
100
120
140
Tc [C]


Similar Part No. - CLU029-1204C8-353H5R2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU029-1201C8 CITIZEN-CLU029-1201C8 Datasheet
649Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1201C8-273H5R2 CITIZEN-CLU029-1201C8-273H5R2 Datasheet
649Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1201C8-303H5R2 CITIZEN-CLU029-1201C8-303H5R2 Datasheet
649Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1201C8-353H5R2 CITIZEN-CLU029-1201C8-353H5R2 Datasheet
649Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1201C8-403H5R2 CITIZEN-CLU029-1201C8-403H5R2 Datasheet
649Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
More results

Similar Description - CLU029-1204C8-353H5R2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU048-1812C4-22AL1K3 CITIZEN-CLU048-1812C4-22AL1K3 Datasheet
548Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU059-3618C8 CITIZEN-CLU059-3618C8 Datasheet
585Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1202C8 CITIZEN-CLU029-1202C8 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1203C8 CITIZEN-CLU029-1203C8 Datasheet
650Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU039-1205C8 CITIZEN-CLU039-1205C8 Datasheet
691Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU039-1208C8 CITIZEN-CLU039-1208C8 Datasheet
692Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU048-1212C4-22AL1K3 CITIZEN-CLU048-1212C4-22AL1K3 Datasheet
548Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU049-1812C8 CITIZEN-CLU049-1812C8 Datasheet
698Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU049-1818C8 CITIZEN-CLU049-1818C8 Datasheet
698Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-0603C8 CITIZEN-CLU029-0603C8 Datasheet
627Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com