Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU029-1201C8-303H5R2 Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU029-1201C8-303H5R2
Description  CITIZEN ELECTRONICS is the first COB manufacture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU029-1201C8-303H5R2 Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CLU029-1201C8-303H5R2 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1201C8-303H5R2 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1201C8-303H5R2 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1201C8-303H5R2 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1201C8-303H5R2 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1201C8-303H5R2 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1201C8-303H5R2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1201C8-303H5R2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU029-1201C8-303H5R2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Ref.CE-0131P-201801
2. Performance Characteristics
2-1. Electro Optical Characteristics
2-2. Absolute Maximum Ratings
3
( Tj=85C )
Ra
R9
Tc25C*
Min.
Min.
Min.
Typ.
Typ.
Typ.
Min.
Typ.
Max.
CLU029-1201C8-273H5R2
2700K
90
50
453
516
557
126
120
31.4
34.2
37.0
2.5
CLU029-1201C8-303H5R2
3000K
90
50
472
537
580
131
120
31.4
34.2
37.0
2.5
CLU029-1201C8-353H5R2
3500K
90
50
482
548
592
134
120
31.4
34.2
37.0
2.5
CLU029-1201C8-403H5R2
4000K
90
50
482
548
592
134
120
31.4
34.2
37.0
2.5
Notes :
1. Citizen Electronics maintains a tolerance of ± 10% on luminous flux measurements.
2. Citizen Electronics maintains a tolerance of ± 3% on forward voltage measurements.
3. Citizen Electronics maintains a tolerance of ± 1 on Ra measurements.
* : Values of Luminous flux at Tc=25C are provided as reference only.
Product code
Forward
Current
( mA )
Thermal
Resistance
Rj-c
( C/W )
CRI
Nominal
CCT
Luminous flux
( lm )
Efficacy
( lm/W )
Voltage
( V )
Tj85C
Symbol
Rating
Pi
15.6
*1
If
350
*1
Ir
1
Top
-40 ~ +100
Tst
-40 ~ +100
Tc
130
*2
Tj
165
*3
*2. Refer to 3. Outline drawing for Tc measurement point.
*3. D.C. Current : Tj = Tc + Rj-c × Pi
Parameter
Input Power (W)
Forward Current (mA)
Reverse Current (mA)
Storage Temperature (C)
Case Temperature (C)
Junction Temperature (C)
Operating Temperature (C)
*1. Input power and forward current are the values when the LED is used within the range of
the derating curve in this data sheet.


Similar Part No. - CLU029-1201C8-303H5R2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU029-1202C8 CITIZEN-CLU029-1202C8 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1202C8-273H5R2 CITIZEN-CLU029-1202C8-273H5R2 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1202C8-303H5R2 CITIZEN-CLU029-1202C8-303H5R2 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1202C8-353H5R2 CITIZEN-CLU029-1202C8-353H5R2 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1202C8-403H5R2 CITIZEN-CLU029-1202C8-403H5R2 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
More results

Similar Description - CLU029-1201C8-303H5R2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU048-1812C4-22AL1K3 CITIZEN-CLU048-1812C4-22AL1K3 Datasheet
548Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU059-3618C8 CITIZEN-CLU059-3618C8 Datasheet
585Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1202C8 CITIZEN-CLU029-1202C8 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1203C8 CITIZEN-CLU029-1203C8 Datasheet
650Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1204C8 CITIZEN-CLU029-1204C8 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU039-1205C8 CITIZEN-CLU039-1205C8 Datasheet
691Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU039-1208C8 CITIZEN-CLU039-1208C8 Datasheet
692Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU048-1212C4-22AL1K3 CITIZEN-CLU048-1212C4-22AL1K3 Datasheet
548Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU049-1812C8 CITIZEN-CLU049-1812C8 Datasheet
698Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU049-1818C8 CITIZEN-CLU049-1818C8 Datasheet
698Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-0603C8 CITIZEN-CLU029-0603C8 Datasheet
627Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com