Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC241-11100303H3-B014Z Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLC241-11100303H3-B014Z
Description  AC Series does not require AC/DC converters associated with other standard COB types
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC241-11100303H3-B014Z Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLC241-11100303H3-B014Z Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLC241-11100303H3-B014Z Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC241-11100303H3-B014Z Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC241-11100303H3-B014Z Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC241-11100303H3-B014Z Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLC241-11100303H3-B014Z Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLC241-11100303H3-B014Z Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLC241-11100303H3-B014Z Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLC241-11100303H3-B014Z Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Ref.CE-P3410 12/04
5. Reliability
5-1. Reliability Test
5-2. Failure Criteria
9
Test Item
Test Condition
Low Temperature Storage Test
Ta=-40 C × 1000 hours
Thermal Shock Test
-30 C × 30 minutes – 85 C × 30 minutes , 100cycle
Continuous Operation Test
High Temperature Storage Test
Ta=100 C × 1000 hours
Moisture-proof Test
Ta=60 C , 95% RH × 500 hours
Vop = 230 V[RMS]  Ta=25C ×1000 hours
Vop= 230 V[RMS]  Tj=150C × 1000 hours
( Tc=25C )
U defines the upper limit of the specified characteristics. S defines the initial value.
Note : Measurement shall be taken between 2 hours and 24 hours, and the test pieces should be
return to the normal ambient conditions after the completion of each test.
Total Luminous Flux
Φv
Vop = 230 V[RMS]
<S × 0.8
Measuring Item
Symbol
Measuring Condition
Failure Criteria
Forward Voltage
Vf
Vop = 230 V[RMS]
>U × 1.2


Similar Part No. - CLC241-11100303H3-B014Z

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
   Fast Settling, Wideband Operational Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000 EXAR-CLC2000 Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000ISO8 CADEKA-CLC2000ISO8 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000ISO8 EXAR-CLC2000ISO8 Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
More results

Similar Description - CLC241-11100303H3-B014Z

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLC251 CITIZEN-CLC251 Datasheet
959Kb / 16P
   AC Series does not require AC/DC converters associated with other standard COB types
CLC261 CITIZEN-CLC261 Datasheet
947Kb / 16P
   AC Series does not require AC/DC converters associated with other standard COB types
logo
Cherry Semiconductor Co...
CS51031 CHERRY-CS51031 Datasheet
153Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
CS51033 CHERRY-CS51033 Datasheet
159Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
logo
Bel Fuse Inc.
BPEU3000 BEL-BPEU3000 Datasheet
648Kb / 4P
   AC/DC Converters
BPEU2000 BEL-BPEU2000 Datasheet
738Kb / 5P
   AC/DC Converters
logo
List of Unclassifed Man...
NF100 ETC-NF100 Datasheet
687Kb / 2P
   AC/DC CONVERTERS
logo
Bel Fuse Inc.
BPEU2451 BEL-BPEU2451 Datasheet
834Kb / 5P
   AC/DC Converters
BPEU2452 BEL-BPEU2452 Datasheet
736Kb / 4P
   AC/DC Converters
logo
List of Unclassifed Man...
FSK-S10 ETC1-FSK-S10 Datasheet
49Kb / 3P
   FSK10 SERIES AC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com