Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC261 Datasheet(PDF) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLC261
Description  AC Series does not require AC/DC converters associated with other standard COB types
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC261 Datasheet(HTML) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLC261 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Ref.CE-P3410 12/04
4. Characteristic Curves
4-1. Forward Voltage Characteristics / Temperature Characteristics
Representative Characteristics Ra80 3000K】
6
Forward Voltage vs. Relative Power Dissipation
Forward Voltage vs. Relative Luminous Flux
Tc=65C
Tc=65C
Case Temperature vs. CCT
Case Temperature vs. Relative Luminous Flux
Vop=230V[RMS]
Vop=230V[RMS]
0%
20%
40%
60%
80%
100%
120%
140%
160%
190
210
230
250
270
Vop [V RMS]
0%
20%
40%
60%
80%
100%
120%
140%
160%
190
210
230
250
270
Vop [V RMS]
80%
85%
90%
95%
100%
105%
110%
25
45
65
85
Tc [C]
0%
20%
40%
60%
80%
100%
120%
140%
160%
25
45
65
85
Tc [C]


Similar Part No. - CLC261

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC2600ISO8 CADEKA-CLC2600ISO8 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
CLC2600ISO8X CADEKA-CLC2600ISO8X Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Exar Corporation
CLC2600ISO8X EXAR-CLC2600ISO8X Datasheet
1Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
More results

Similar Description - CLC261

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLC251 CITIZEN-CLC251 Datasheet
959Kb / 16P
   AC Series does not require AC/DC converters associated with other standard COB types
CLC241 CITIZEN-CLC241 Datasheet
971Kb / 16P
   AC Series does not require AC/DC converters associated with other standard COB types
logo
Cherry Semiconductor Co...
CS51031 CHERRY-CS51031 Datasheet
153Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
CS51033 CHERRY-CS51033 Datasheet
159Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
logo
Bel Fuse Inc.
BPEU3000 BEL-BPEU3000 Datasheet
648Kb / 4P
   AC/DC Converters
BPEU2000 BEL-BPEU2000 Datasheet
738Kb / 5P
   AC/DC Converters
logo
List of Unclassifed Man...
NF100 ETC-NF100 Datasheet
687Kb / 2P
   AC/DC CONVERTERS
logo
Bel Fuse Inc.
BPEU2451 BEL-BPEU2451 Datasheet
834Kb / 5P
   AC/DC Converters
BPEU2452 BEL-BPEU2452 Datasheet
736Kb / 4P
   AC/DC Converters
logo
List of Unclassifed Man...
FSK-S10 ETC1-FSK-S10 Datasheet
49Kb / 3P
   FSK10 SERIES AC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com