Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC241 Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLC241
Description  AC Series does not require AC/DC converters associated with other standard COB types
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC241 Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CLC241 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLC241 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLC241 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLC241 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLC241 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLC241 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC241 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC241 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC241 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ref.CE-P3410 12/04
2. Performance Characteristics
2-1. Electro Optical Characteristics
2-2. Absolute Maximum Ratings
3
Symbol
Rating
Unit
Vop
264.0
V[RMS]
Pd
15.0
W
Top
30 ~ +60
C
Tst
40 ~ +100
C
Tc
85
C
*1
Tj
140
C
*2
Viso[RMS]
1.5
kV
*1. Refer to 3. Mechanical Dimensions for Tc measurement point.
*2. Tj = Tc + Rj-c × Pd
Junction Temperature
Insulation Voltage
Case Temperature
Parameter
Input Voltage
Power Dissipation
Operating Temperature
Storage Temperature
( Vop=230V[RMS], Tc=65C )
Min. Typ.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
CLC241-09100273M1-B001Z
2700K
80
-
930
1,000
1,070
-
10.1
11.1
0.95
-
3.7
CLC241-09100303M1-B002Z
3000K
80
-
930
1,000
1,070
-
9.6
10.6
0.95
-
3.7
CLC241-09100403M1-B003Z
4000K
80
-
930
1,000
1,070
-
9.3
10.2
0.95
-
3.7
CLC241-09100503M1-B004Z
5000K
80
-
930
1,000
1,070
-
9.1
10.0
0.95
-
3.7
CLC241-11100273H3-B013Z
2700K
90
-
930
1,000
1,070
-
12.5
13.8
0.95
-
3.7
CLC241-11100303H3-B014Z
3000K
90
-
930
1,000
1,070
-
11.7
12.9
0.95
-
3.7
CLC241-11100403H3-B015Z
4000K
90
-
930
1,000
1,070
-
10.7
11.8
0.95
-
3.7
( Vop=230V[RMS], Tc=65C )
Min. Typ.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
CLC241-07075273M1-B022Z
2700K
80
-
698
750
803
-
7.2
7.9
0.95
-
3.7
CLC241-07075303M1-B023Z
3000K
80
-
698
750
803
-
7.1
7.8
0.95
-
3.7
CLC241-07075403M1-B024Z
4000K
80
-
698
750
803
-
6.7
7.4
0.95
-
3.7
CLC241-07075503M1-B025Z
5000K
80
-
698
750
803
-
6.6
7.3
0.95
-
3.7
CLC241-08075273H3-B034Z
2700K
90
-
638
750
803
-
8.8
9.7
0.95
-
3.7
CLC241-08075303H3-B035Z
3000K
90
-
638
750
803
-
8.2
9.0
0.95
-
3.7
CLC241-08075403H3-B036Z
4000K
90
-
638
750
803
-
7.9
8.7
0.95
-
3.7
Notes :
1. The tolerance of measurement at our tester is Luminous flux +/-10%, Chromaticity ( x, y ) +/-0.005 and Ra +/-1.
Power Factor
Thermal
Resistance
Rj-c
( C/W )
Product code
Nominal
CCT
CRI (Ra)
Luminous flux
( lm )
Power Dissipation
( W )
Product code
Power Dissipation
( W )
Thermal
Resistance
Rj-c
( C/W )
CRI (Ra)
Nominal
CCT
Luminous flux
( lm )
Power Factor


Similar Part No. - CLC241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
   Fast Settling, Wideband Operational Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000 EXAR-CLC2000 Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000ISO8 CADEKA-CLC2000ISO8 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000ISO8 EXAR-CLC2000ISO8 Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
More results

Similar Description - CLC241

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLC251 CITIZEN-CLC251 Datasheet
959Kb / 16P
   AC Series does not require AC/DC converters associated with other standard COB types
CLC261 CITIZEN-CLC261 Datasheet
947Kb / 16P
   AC Series does not require AC/DC converters associated with other standard COB types
logo
Cherry Semiconductor Co...
CS51031 CHERRY-CS51031 Datasheet
153Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
CS51033 CHERRY-CS51033 Datasheet
159Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
logo
Bel Fuse Inc.
BPEU3000 BEL-BPEU3000 Datasheet
648Kb / 4P
   AC/DC Converters
BPEU2000 BEL-BPEU2000 Datasheet
738Kb / 5P
   AC/DC Converters
logo
List of Unclassifed Man...
NF100 ETC-NF100 Datasheet
687Kb / 2P
   AC/DC CONVERTERS
logo
Bel Fuse Inc.
BPEU2451 BEL-BPEU2451 Datasheet
834Kb / 5P
   AC/DC Converters
BPEU2452 BEL-BPEU2452 Datasheet
736Kb / 4P
   AC/DC Converters
logo
List of Unclassifed Man...
FSK-S10 ETC1-FSK-S10 Datasheet
49Kb / 3P
   FSK10 SERIES AC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com