Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC035-093C1-313H3H3-185 Datasheet(PDF) 10 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLC035-093C1-313H3H3-185
Description  This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC035-093C1-313H3H3-185 Datasheet(HTML) 10 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLC035-093C1-313H3H3-185 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC035-093C1-313H3H3-185 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC035-093C1-313H3H3-185 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC035-093C1-313H3H3-185 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLC035-093C1-313H3H3-185 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLC035-093C1-313H3H3-185 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLC035-093C1-313H3H3-185 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLC035-093C1-313H3H3-185 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. CLC035-093C1-313H3H3-185 Datasheet HTML 14Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Ref.CE-P3417 04/16
6. Packing Specification
6-1. Packing
10
An empty tray is placed on top of a 6-tier tray which contain 40 pieces each.
(Smallest packing unit: 240 pieces)
A label with product name, quantity and lot number is placed on the upper empty tray.
Tray (Dimensions: 310 x 210 x 12 mm / Materials: Electrically conductive PS)
Note: October, November and December are designated X,Y and Z.
- Forth letter: CE's control number
e.g. 5035
4. Quantity
Example of indication label
2. P.No. ( Cutomer's P/N )
3. Lot No.
1. TYPE
e.g. CLC035-093C1-313H3H3-185
- First and second letter: Last digit of the year
e.g. 15 : year 2015
- Third letter: Production month
e.g. 1 : January
CUSTOMER
PASS
TYPE
P. NO
Lot No
Q'ty
: CLC***-******-*******
: ******
: *******
: ***
---(1)
---(2)
---(3)
---(4)
Unit : mm
Product 40 pcs/tray
12mm
310mm


Similar Part No. - CLC035-093C1-313H3H3-185

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CLC03-10N_-RC ALLIED-CLC03-10N_-RC Datasheet
327Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
CLC03-12N_-RC ALLIED-CLC03-12N_-RC Datasheet
327Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
CLC03-15N_-RC ALLIED-CLC03-15N_-RC Datasheet
327Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
CLC03-18N_-RC ALLIED-CLC03-18N_-RC Datasheet
327Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
CLC03-1N0_-RC ALLIED-CLC03-1N0_-RC Datasheet
327Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
More results

Similar Description - CLC035-093C1-313H3H3-185

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLC032-069A5 CITIZEN-CLC032-069A5 Datasheet
670Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC030-081B8 CITIZEN-CLC030-081B8 Datasheet
729Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC020-057A5 CITIZEN-CLC020-057A5 Datasheet
834Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5.
CLC031-081B8 CITIZEN-CLC031-081B8 Datasheet
729Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC033-081C1 CITIZEN-CLC033-081C1 Datasheet
731Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC034-081C1 CITIZEN-CLC034-081C1 Datasheet
727Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
LCN-C02B CITIZEN-LCN-C02B Datasheet
849Kb / 16P
   This product (LCN) is comprised of two different CCTs, and is to be driven using the 4 terminals which are shown in Page 5
LCN-C01B CITIZEN-LCN-C01B Datasheet
834Kb / 16P
   This product (LCN) is comprised of two different CCTs, and is to be driven using the 4 terminals
logo
STMicroelectronics
AN4569 STMICROELECTRONICS-AN4569 Datasheet
2Mb / 29P
   The purpose of the document is to show different possibilities
logo
STANLEY ELECTRIC CO.,LT...
GSPW1651NPSE-11-TR STANLEY-GSPW1651NPSE-11-TR Datasheet
1Mb / 2P
   Special color LED in which object is shown to more attractive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com