Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC033-081C1-313H3H3-185 Datasheet(PDF) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLC033-081C1-313H3H3-185
Description  This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC033-081C1-313H3H3-185 Datasheet(HTML) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLC033-081C1-313H3H3-185 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1-313H3H3-185 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1-313H3H3-185 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1-313H3H3-185 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1-313H3H3-185 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1-313H3H3-185 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1-313H3H3-185 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1-313H3H3-185 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1-313H3H3-185 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Ref.CE-P3415 04/16
Forward Current vs. Forward Voltage
Forward Current vs. Relative Luminous Flux
Tc=25C
Tc=25C
Forward Current vs. CCT
xy Chromaticity profile
Tc=25C
Tc=25C
Case Temperature vs. Relative Forward Voltage
Case Temperature vs. Ralative Luminous Flux
* Characteristics data shown here are for reference purpose only. (Not fuaranteed data)
60%
80%
100%
120%
25
45
65
85
105
Tc [C]
0.36
0.38
0.4
0.42
0.44
0.46
0.4
0.44
0.48
0.52
0.56
x
(350mA)
(10mA)
(100mA)
0
5
10
15
20
25
30
35
40
45
0
100
200
300
400
500
600
700
800
Forward Current [mA]
80%
85%
90%
95%
100%
105%
110%
25
45
65
85
105
Tc [C]
(350mA)
(10mA)
(350mA)
(10mA)
0
500
1000
1500
2000
2500
3000
3500
0
100
200
300
400
500
600
700
800
Forward Current [mA]
0%
50%
100%
150%
200%
250%
0
100
200
300
400
500
600
700
800
Forward Current [mA]
4. Characteristic Curves
4-1. Forward Current Characteristics / Temperature Characteristics
6
0.36
0.38
0.4
0.42
0.44
0.46
0.42
0.46
0.5
0.54
x
(240mA)
(10mA)
(100mA)
(50mA)
0
5
10
15
20
25
30
35
40
45
0
100
200
300
400
500
600
700
800
Forward current [mA]
0
5
10
15
20
25
30
35
40
25
45
65
85
105
Tc [C]
(450mA)
(10mA)
(450mA)
(10mA)
0
500
1000
1500
2000
2500
3000
3500
0
100
200
300
400
500
600
700
800
Forward current [mA]
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
0
100
200
300
400
500
600
700
800
Forward current [mA]
0
200
400
600
800
1000
1200
1400
1600
1800
2000
25
45
65
85
105
Tc [C]


Similar Part No. - CLC033-081C1-313H3H3-185

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CLC03-10N_-RC ALLIED-CLC03-10N_-RC Datasheet
327Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
CLC03-12N_-RC ALLIED-CLC03-12N_-RC Datasheet
327Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
CLC03-15N_-RC ALLIED-CLC03-15N_-RC Datasheet
327Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
CLC03-18N_-RC ALLIED-CLC03-18N_-RC Datasheet
327Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
CLC03-1N0_-RC ALLIED-CLC03-1N0_-RC Datasheet
327Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
More results

Similar Description - CLC033-081C1-313H3H3-185

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLC032-069A5 CITIZEN-CLC032-069A5 Datasheet
670Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC035-093C1 CITIZEN-CLC035-093C1 Datasheet
730Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC030-081B8 CITIZEN-CLC030-081B8 Datasheet
729Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC020-057A5 CITIZEN-CLC020-057A5 Datasheet
834Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5.
CLC031-081B8 CITIZEN-CLC031-081B8 Datasheet
729Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC034-081C1 CITIZEN-CLC034-081C1 Datasheet
727Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
LCN-C02B CITIZEN-LCN-C02B Datasheet
849Kb / 16P
   This product (LCN) is comprised of two different CCTs, and is to be driven using the 4 terminals which are shown in Page 5
LCN-C01B CITIZEN-LCN-C01B Datasheet
834Kb / 16P
   This product (LCN) is comprised of two different CCTs, and is to be driven using the 4 terminals
logo
STMicroelectronics
AN4569 STMICROELECTRONICS-AN4569 Datasheet
2Mb / 29P
   The purpose of the document is to show different possibilities
logo
STANLEY ELECTRIC CO.,LT...
GSPW1651NPSE-11-TR STANLEY-GSPW1651NPSE-11-TR Datasheet
1Mb / 2P
   Special color LED in which object is shown to more attractive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com