Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLC033-081C1 Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part No. CLC033-081C1
Description  This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Homepage  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC033-081C1 Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  CLC033-081C1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ref.CE-P3415 04/16
1. Introduction
1-1. Product Description
1-2. Features
This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals
which are shown in Page 5.
2
CLC033 - 081 C1 - 31 3 H3 H3 - 185
[1]
[2]
[3]
[4]
[5]
[6]
[1]
[2]
[3]
[4]
[5]
[6]
Product Nomenclature
CLC033
81
MacAdam 3step *1
Product shape
Die count
CRI (Ra)
Min.90
Cool CCT
3100K
1850K
Chromaticity range
Warm CCT
・Mechanical Dimensions
: 19.0 x 26.0 x 1.6 (mm)
・Package Structure
: Ceramic Base Chip on Board
・Ceramic Base:
: material AZ214T(Certificate Number 20140905-E356524)
・Connection to Heat Sink
: By Holder + M3screw, Thermally conductive glue
・CRI (Ra)
: Min.90
・Cool CCT
: 3,100K (IF=350mA)
・Warm CCT
: 1,850K (IF=10mA)
・Chromaticity Range
: 3-step MacAdam Ellipse, the center refers to ANSI C78.377:2011. *1
・Thermal Resistance
: 2.0C/W
・RoHS compliant
*1 It applies only to cool CCT.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn