Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLC033-081C1 Datasheet(PDF) 13 Page - CITIZEN ELECTRONICS CO., LTD.

Part No. CLC033-081C1
Description  This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Homepage  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC033-081C1 Datasheet(HTML) 13 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLC033-081C1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 14Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 15Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 16Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Ref.CE-P3415 04/16
7-7. Recommended soldering Condition (This product is not adaptable to reflow process.)
-For manual soldering
Please use lead-free soldering. Soldering shall be implemented using a soldering bit at a temperature lower than 380C,
and shall be finished within 5 seconds for one land.
No external force shall be applied to resin part while soldering is implemented.
Next process of soldering should be carried out after the product has return to ambient temperature.
-For soldering correction
Regarding soldering correction, above conditions shall be applied.
Contacts number of soldering bit should be within twice for each terminal as a correction.
* Citizen Electronics cannot guarantee if usage exceeds these recommended conditions.
Please use it after sufficient verification is carried out on your own risk if absolutely necessary.
7-8. Eye Safety
-The International Electrical Commission (IEC) published in 2006 IEC 62471
”2006 Photobiological safety of lamps and lamp systems ” which includes LEDs within its scope.
When sorting single LEDs according to IEC 62471, almost all white LEDs can be classified
as belonging to either Exempt Group (no hazard) or Risk Group 1 (low risk).
-However, Optical characteristics of LEDs such as radiant flux,
spectrum and light distribution are factors that affect the risk group determination of the LED,
and especially a high-power LED, that emits light containing blue wavelengths,
might have properties equivalent to those of Risk Group 2 (moderate risk).
-Great care should be taken when directly viewing an LED that is driven at high current,
has multiple uses as a module or when focusing the light with optical instruments,
as these actions might greatly increase the hazard to your eyes.
-It is recommended to regard the evaluation of stand-alone LED packages as a reference
and to evaluate your final product.
7-9. This product is not designed for usage under the following conditions.
If the product might be used under the following conditions, you shall evaluate its effect
and appropriate them. In places where the product might:
-directly and indirectly get wet due to rain and/or at place with the fear.
-be damaged by seawater and/or at place with the fear
-be exposed to corrosive gas (such as Cl2, H2S, NH3, SOx, NOx and so on) and/or at place with the fear.
-be exposed to dust, fluid or oil and/or at place with the fear.
-be put in the enclosed space with halogenated substance and/or gas (such as Br, Cl and so on).
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn