Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CLC033-081C1 Datasheet(PDF) 10 Page - CITIZEN ELECTRONICS CO., LTD.

Part No. CLC033-081C1
Description  This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Homepage  http://ce.citizen.co.jp/e/index.html
Logo 

CLC033-081C1 Datasheet(HTML) 10 Page - CITIZEN ELECTRONICS CO., LTD.

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Ref.CE-P3415 04/16
6. Packing Specification
6-1. Packing
10
An empty tray is placed on top of a 6-tier tray which contain 40 pieces each.
(Smallest packing unit: 240 pieces)
A label with product name, quantity and lot number is placed on the upper empty tray.
Tray (Dimensions: 310 x 210 x 12 mm / Materials: Electrically conductive PS)
Note: October, November and December are designated X,Y and Z.
- Forth letter: CE's control number
e.g. 5035
4. Quantity
Example of indication label
2. P.No. ( Cutomer's P/N )
3. Lot No.
1. TYPE
e.g. CLC033-081C1-313H3H3-185
- First and second letter: Last digit of the year
e.g. 15 : year 2015
- Third letter: Production month
e.g. 1 : January
CUSTOMER
PASS
TYPE
P. NO
Lot No
Q'ty
: CLC***-******-*******
: ******
: *******
: ***
---(1)
---(2)
---(3)
---(4)
Unit : mm
Product 40 pcs/tray
12mm
310mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn