Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLC033-081C1 Datasheet(PDF) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Part No. CLC033-081C1
Description  This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC033-081C1 Datasheet(HTML) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLC033-081C1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ref.CE-P3415 04/16
IF=350mA
Radiation Characteristic
0%
20%
40%
60%
80%
100%
X
Y
80°
70°
60°
50°
40°
30°
20°
10°
-80°
-70°
-60°
-50°
-20°
-30°
-40°
-10°
90°
-90°
Spectrum
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wave length [nm]
3100K(IF=350mA)
1850K(IF=10mA)
Tc=25℃
4-2. Optical Characteristics
7
X
Y


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn