Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLC033-081C1 Datasheet(PDF) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Part No. CLC033-081C1
Description  This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Homepage  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC033-081C1 Datasheet(HTML) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLC033-081C1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Ref.CE-P3415 04/16
Forward Current vs. Forward Voltage
Forward Current vs. Relative Luminous Flux
Tc=25C
Tc=25C
Forward Current vs. CCT
xy Chromaticity profile
Tc=25C
Tc=25C
Case Temperature vs. Relative Forward Voltage
Case Temperature vs. Ralative Luminous Flux
* Characteristics data shown here are for reference purpose only. (Not fuaranteed data)
60%
80%
100%
120%
25
45
65
85
105
Tc [C]
0.36
0.38
0.4
0.42
0.44
0.46
0.4
0.44
0.48
0.52
0.56
x
(350mA)
(10mA)
(100mA)
0
5
10
15
20
25
30
35
40
45
0
100
200
300
400
500
600
700
800
Forward Current [mA]
80%
85%
90%
95%
100%
105%
110%
25
45
65
85
105
Tc [C]
(350mA)
(10mA)
(350mA)
(10mA)
0
500
1000
1500
2000
2500
3000
3500
0
100
200
300
400
500
600
700
800
Forward Current [mA]
0%
50%
100%
150%
200%
250%
0
100
200
300
400
500
600
700
800
Forward Current [mA]
4. Characteristic Curves
4-1. Forward Current Characteristics / Temperature Characteristics
6
0.36
0.38
0.4
0.42
0.44
0.46
0.42
0.46
0.5
0.54
x
(240mA)
(10mA)
(100mA)
(50mA)
0
5
10
15
20
25
30
35
40
45
0
100
200
300
400
500
600
700
800
Forward current [mA]
0
5
10
15
20
25
30
35
40
25
45
65
85
105
Tc [C]
(450mA)
(10mA)
(450mA)
(10mA)
0
500
1000
1500
2000
2500
3000
3500
0
100
200
300
400
500
600
700
800
Forward current [mA]
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
0
100
200
300
400
500
600
700
800
Forward current [mA]
0
200
400
600
800
1000
1200
1400
1600
1800
2000
25
45
65
85
105
Tc [C]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn