Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLC033-081C1 Datasheet(PDF) 4 Page - CITIZEN ELECTRONICS CO., LTD.

Part No. CLC033-081C1
Description  This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Homepage  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC033-081C1 Datasheet(HTML) 4 Page - CITIZEN ELECTRONICS CO., LTD.

  CLC033-081C1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC033-081C1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Ref.CE-P3415 04/16
2-3. Chromaticity Characteristics
4
0.36
0.41
0.46
0.40
0.45
0.50
0.55
x
Color region
Center point
3100K(3SDCM)
B.B. Locus
3,100K
1,850K
3-step MacAdam ellipse
3100K
( 0.4301 , 0.4016 )
5-step MacAdam ellipse
1850K
( 0.5436 , 0.4098 )
* Color region stays within MacAdam 3-step ellipse from the chromaticity center.
* θ is the angle between the major axis of the ellipse and the x-axis, and a and b are the major and minor semi-axes of an ellipse.
( Tc=25C )
Color Region
Nominal
CCT
Center Point
( x, y )
Oval parameter
Major Axis
a
Minor Axis
b
Ellipse
Rotation Angle
θ
(Ref. IEC 60081:1997 AnnexD)
0.00834
0.00408
53.17
0.0129
0.00685
57.28


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn