Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC031-081B8-313H3H3-185 Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLC031-081B8-313H3H3-185
Description  This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC031-081B8-313H3H3-185 Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLC031-081B8-313H3H3-185 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLC031-081B8-313H3H3-185 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC031-081B8-313H3H3-185 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC031-081B8-313H3H3-185 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC031-081B8-313H3H3-185 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLC031-081B8-313H3H3-185 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLC031-081B8-313H3H3-185 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLC031-081B8-313H3H3-185 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLC031-081B8-313H3H3-185 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Ref.CE-P3413 04/16
5. Reliability
5-1. Reliability Test
5-2. Failure Criteria
9
( Tc=25C )
U defines the upper limit of the specified characteristics. S defines the initial value.
Note : Measurement shall be taken between 2 hours and 24 hours, and the test pieces should be
return to the normal ambient conditions after the completion of each test.
Total Luminous Flux
Φv
IF =315mA
<S × 0.8
Measuring Item
Symbol
Measuring Condition
Failure Criteria
Power Dissipation
VF
IF =315mA
>U × 1.2
IF =315mA , Tc=85C
Continuous Operation Test
Test Item
Ta = 100 C × 1000 hours
Ta = -40 C × 1000 hours
Test Condition
-30 C × 30 minutes – 85 C × 30 minutes, 100 cycle
Tc=85C, 95 %RH for 500 hours
Thermal Shock Test
High Temperature Storage Test
Low Temperature Storage Test
Moisture-proof Test


Similar Part No. - CLC031-081B8-313H3H3-185

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
CLC031AVEC NSC-CLC031AVEC Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
CLC031VEC NSC-CLC031VEC Datasheet
390Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
More results

Similar Description - CLC031-081B8-313H3H3-185

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLC032-069A5 CITIZEN-CLC032-069A5 Datasheet
670Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC035-093C1 CITIZEN-CLC035-093C1 Datasheet
730Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC030-081B8 CITIZEN-CLC030-081B8 Datasheet
729Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC020-057A5 CITIZEN-CLC020-057A5 Datasheet
834Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5.
CLC033-081C1 CITIZEN-CLC033-081C1 Datasheet
731Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC034-081C1 CITIZEN-CLC034-081C1 Datasheet
727Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
LCN-C02B CITIZEN-LCN-C02B Datasheet
849Kb / 16P
   This product (LCN) is comprised of two different CCTs, and is to be driven using the 4 terminals which are shown in Page 5
LCN-C01B CITIZEN-LCN-C01B Datasheet
834Kb / 16P
   This product (LCN) is comprised of two different CCTs, and is to be driven using the 4 terminals
logo
STMicroelectronics
AN4569 STMICROELECTRONICS-AN4569 Datasheet
2Mb / 29P
   The purpose of the document is to show different possibilities
logo
STANLEY ELECTRIC CO.,LT...
GSPW1651NPSE-11-TR STANLEY-GSPW1651NPSE-11-TR Datasheet
1Mb / 2P
   Special color LED in which object is shown to more attractive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com