Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

220 Datasheet(PDF) 3 Page - Littelfuse

Part # 220
Description  The 2AG Special Fuses with various voltage ratings provide special electric performance as required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

220 Datasheet(HTML) 3 Page - Littelfuse

  220 Datasheet HTML 1Page - Littelfuse 220 Datasheet HTML 2Page - Littelfuse 220 Datasheet HTML 3Page - Littelfuse 220 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/23/16
Axial Lead & Cartridge Fuses
2AG > Special Fuse > 220 Series
Product Characteristics
Dimensions
Operating Temperature -55 ºC to +125 ºC
Thermal Shock
MIL-STD-202, Method 107, Test
Condition B: (5 cycles - 65ºC to 125ºC)
Vibration
MIL-STD-202, Method 201
Humidity
MIL-STD-202, Method 103, Test
Condition A: High RH (95%) and
Elevated Temp (40 ºC) for 240 hours
Salt Spray
MIL-STD-202, Method 101, Test
Condition B
Material
Body: Glass
Cap: Nickel–plated brass
Leads: Tin–plated Copper
Terminal Strength MIL-STD-202, Method 211,
Test Condition A
Solderability
MIL-STD-202 method 208
Product Marking
Cap1: Brand logo, current and voltage ratings
Cap2: Series and agency approval marks
Part Numbering System
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
°C
Temperature Maximum:
150
°C
Preheat Time:
60-180 seconds
Solder PotTemperature:
260
°C Max.
Solder DwellTime:
2-5 seconds
Recommended Hand-Solder Parameters:
Solder Iron Temperature: 350°C +/- 5°C
Heating Time: 5 seconds max.
Note:These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:
Packaging
For 02200029MXP
1. TYP.38.1±1(1.50”±.04”) For MXP
2. 24.8±1(.98”±.04”)
For T1
3. 27.8±3(1.09”±.12”)
For T2
4. 34.9±1(1.37”±.04”)
For T3
For 02200019MXP
4.2 - 4.8
(.16" - .19”)
.635 ± .06
(.025" ± .002”)
Length L
4.2 - 4.8
(.16" - .19”)
14.1 - 14.9
(.56" - .59”)
14.1 - 14.9
(.56" - .59”)
14.1 - 14.9
(.56" - .59”)
.635 ± .06
(.025" ± .002”)
15 ± 1.2
(.591" ± .047”)
20 ± 1.5
(.79" ± .059”)
4.2 - 4.8
(.16" - .19”)
Length L:
220 000P Series
Packaging Option
Packaging Specification
Quantity
Quantity & Packaging Code
Reel Size
Bulk
N/A
1000
MX
N/A
Bulk
N/A
1000
MXSL
N/A
Reel and Tape
EIA 296-E
1000
MRT1
53mm (2.087”)
Reel and Tape
EIA 296-E
1500
DAT1
53mm (2.087”)
Reel and Tape
EIA 296-E
1500
DRT1
53mm (2.087”)
Reel and Tape
EIA 296-E
1500
DRT2
63mm (2.500”)
Reel and Tape
EIA 296-E
1500
DRT3
73mm (2.874”)
Reel and Tape
EIA 296-E
2500
ERT1
53mm (2.087”)
Note: Please contact Littelfuse for
other lead length or forming type.


Similar Part No. - 220

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
220 PRODUCTWELL-220 Datasheet
178Kb / 4P
   SHIELDED SMT POWER INDUCTORS
logo
Switchcraft, Inc.
220 SWITCH-220 Datasheet
26Kb / 1P
   1/4 FLAT PLUG PHONE PLUGS
logo
List of Unclassifed Man...
220 ETC2-220 Datasheet
131Kb / 1P
   SMK MALE TO MALE RADIUS RIGHT ANGLE ADAPTEER
logo
Alpha Wire
220 ALPHAWIRE-220 Datasheet
173Kb / 2P
   Mini 7/8" Male 4 Pin Field Attachable
logo
AiT Semiconductor Inc.
220 AITSEMI-220 Datasheet
817Kb / 4P
   POWER INDUCTOR
More results

Similar Description - 220

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DEVR10 AEC-DEVR10 Datasheet
501Kb / 3P
   No special installation required
logo
Littelfuse
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
   Special Purpose Fuses
LA30QS35-4 LITTELFUSE-LA30QS35-4 Datasheet
133Kb / 2P
   Special Purpose Fuses
LA15QS1-2 LITTELFUSE-LA15QS1-2 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA100P15-1 LITTELFUSE-LA100P15-1 Datasheet
102Kb / 2P
   Special Purpose Fuses
LA70QS35-4 LITTELFUSE-LA70QS35-4 Datasheet
92Kb / 2P
   Special Purpose Fuses
02200003DRT1P LITTELFUSE-02200003DRT1P Datasheet
214Kb / 4P
   220 Series, Lead-Free 2AG Special Fuse
299 LITTELFUSE-299 Datasheet
51Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
995 LITTELFUSE-995 Datasheet
72Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com