Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL8083 Datasheet(PDF) 9 Page - SHANGHAI BELLING CO., LTD.

Part No. BL8083
Description  PMU with a Synchronous 18V 2A Buck and a CMOS 6V 1.5A LDO
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BELLING [SHANGHAI BELLING CO., LTD.]
Homepage  http://www.belling.com.cn
Logo 

BL8083 Datasheet(HTML) 9 Page - SHANGHAI BELLING CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.belling.com.cn
9
BL8083
PACKAGE OUTLINE
Package
DFN2x3-8
Devices per reel
3000
Unit
mm
Package specification:


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn