Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL8083 Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part No. BL8083
Description  PMU with a Synchronous 18V 2A Buck and a CMOS 6V 1.5A LDO
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BELLING [SHANGHAI BELLING CO., LTD.]
Homepage  http://www.belling.com.cn
Logo 

BL8083 Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.belling.com.cn
5
BL8083
Load Transient
VDD=12V, Vout=3.3V, Iout=0.01~2A
Ch2—Vout, Ch4—IL
Load Transient
VDD=12V, Vout=3.3V, Iout=0.5~1A
Ch2—Vout, Ch4—IL
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.0
0.5
1.0
1.5
2.0
Iout (A)
Efficiency vs. Iout
(Vout=5.0V)
VDD=6V
VDD=12V
VDD=18V
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
0.0
0.5
1.0
1.5
2.0
Iout (A)
Vout vs. Iout
(Vout=3.3V)
VDD=5V
VDD=6V
VDD=12V
VDD=18V
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
0.0
0.5
1.0
1.5
2.0
Iout (A)
Vout vs. Iout
(Vout=1.2V)
VDD=5V
VDD=12V
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
0.0
0.5
1.0
1.5
2.0
Iout (A)
Vout vs. Iout
(Vout=5.0V)
VDD=6V
VDD=12V
VDD=18V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn