Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE351 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE351
Description  Silicon NPN Transistor RF Power Amp, Driver
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE351 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE351
Silicon NPN Transistor
RF Power Amp, Driver
Description:
The NTE351 is a silicon NPN transistor in a T72H type package designed primarily for use in 12.5V
VHF large–signal power amplifier applications required in commercial and industrial equipment to
300MHz.
Features:
D Specified 12.5V, 175MHz Characteristics:
Output Power = 25W
Minimum Gain = 6.2dB
Efficiency = 65%
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCEO
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCES
36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Collector Current, IC
5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation (Note 1, TC = +25°C), PD
65W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
370mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. This device is designed for RF operation. The total device dissipation rating applies only
when the device is operated as an RF amplifier.
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 100mA, IB = 0
18
V
V(BR)CES IC = 15mA, VBE = 0
36
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 5mA, IC = 0
4
V
Collector Cutoff Current
ICBO
VCB = 15V, IE = 0
1.0
mA
ICES
VCE = 15V, VBE = 0, TC = +55°C
10
mA
ON Characteristics
DC Current Gain
hFE
IC = 1A, VCE = 5V
5


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn