Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX02XS Datasheet(PDF) 10 Page - Littelfuse

Part # SX02XS
Description  New 1.5 Amp sensitive gate SCR series offers high static
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SX02XS Datasheet(HTML) 10 Page - Littelfuse

Back Button SX02XS Datasheet HTML 2Page - Littelfuse SX02XS Datasheet HTML 3Page - Littelfuse SX02XS Datasheet HTML 4Page - Littelfuse SX02XS Datasheet HTML 5Page - Littelfuse SX02XS Datasheet HTML 6Page - Littelfuse SX02XS Datasheet HTML 7Page - Littelfuse SX02XS Datasheet HTML 8Page - Littelfuse SX02XS Datasheet HTML 9Page - Littelfuse SX02XS Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
© 2018 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/08/18
Thyristors
EV Series 1.5 Amp Sensitive SCRs
SCR SERIES
x 02
S
x
VOLTAGE
4: 400V
6: 600V
SENSITIVITY
S: 200µA Sensitive SCR
S1: 100µA Sensitive SCR
xx
PACKING TYPE
Blank: Bulk
RP: Reel Pack (TO-92)
: Embossed Carrier Pack
(SOT-223)
AP: Ammo Pack (TO-92)
CURRENT
02: 1.5A
PACKAGE TYPE
E: TO-92
T: SOT-223
B: SOT-89
xx
Part Numbering System
Part Marking System
Line1 = Littelfuse Part Number
Line2 = continuation…Littelfuse Part Number
Y = Last Digit of CalendarYear
M = Letter Month Code (A-L for Jan-Dec)
L = Location Code
DD = Calendar Date
TO-92
SOT89
SOT223
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.


Similar Part No. - SX02XS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SX02ES LITTELFUSE-SX02ES Datasheet
389Kb / 8P
   New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
SX02ESAP LITTELFUSE-SX02ESAP Datasheet
389Kb / 8P
   New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
SX02ESRP LITTELFUSE-SX02ESRP Datasheet
389Kb / 8P
   New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
SX02TSRP LITTELFUSE-SX02TSRP Datasheet
389Kb / 8P
   New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
More results

Similar Description - SX02XS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S402ES LITTELFUSE-S402ES_11 Datasheet
389Kb / 8P
   New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
   SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
   SENSITIVE GATE SCR
logo
STMicroelectronics
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
   SENSITIVE GATE SCR
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
   SENSITIVE GATE SCR
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
   SENSITIVE GATE SCR
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
   SENSITIVE GATE SCR
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com