Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS6W183BT Datasheet(PDF) 8 Page - NICHIA CORPORATION

Part # NS6W183BT
Description  SPECIFICATIONS FOR WHITE LED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NS6W183BT Datasheet(HTML) 8 Page - NICHIA CORPORATION

Back Button NS6W183BT Datasheet HTML 4Page - NICHIA CORPORATION NS6W183BT Datasheet HTML 5Page - NICHIA CORPORATION NS6W183BT Datasheet HTML 6Page - NICHIA CORPORATION NS6W183BT Datasheet HTML 7Page - NICHIA CORPORATION NS6W183BT Datasheet HTML 8Page - NICHIA CORPORATION NS6W183BT Datasheet HTML 9Page - NICHIA CORPORATION NS6W183BT Datasheet HTML 10Page - NICHIA CORPORATION NS6W183BT Datasheet HTML 11Page - NICHIA CORPORATION NS6W183BT Datasheet HTML 12Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NICHIA STS-DA1-1992B <Cat.No.120721>
7
TAPE AND REEL DIMENSIONS
Nxxx183x
STS-DA7-0152A
Quantity per reel=1400pcs
数量は
1リールにつき 1400
個入りです
*
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806
電子部品テーピングに準拠しています
(単位 Unit: mm)
管理番号
No.
リール部
Reel
15.4±1
-0
180+0
-3
ラベル
Label
13+1
8±0.1 2±0.05 4±0.1
Φ
1.5+0.1
-0
テーピング部
Tape
5.2±0.1
0.2±0.05
1.55±0.1
Φ
1.5+0.2
-0
Cathode Mark
トレーラ部
/リーダ部 Trailer and Leader
トップカバーテープ
引き出し方向
Embossed Carrier Tape
エンボスキャリアテープ
Top Cover Tape
Feed
Direction
リーダ部最小
400mm
Leader without Top Cover Tape 400mm MIN
トレーラ部最小
160mm()
空部
Trailer 160mm MIN(Empty Pockets)
LED装着部
Loaded Pockets
引き出し部最小
100mm()
空部
Leader with Top Cover Tape
100mm MIN(Empty Pocket)


Similar Part No. - NS6W183BT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NS6W183B NICHIA-NS6W183B Datasheet
367Kb / 23P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NS6W183BT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW510DS NICHIA-NSPW510DS_14 Datasheet
228Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW515DS NICHIA-NSPW515DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW500DS NICHIA-NSPW500DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NS2W150B NICHIA-NS2W150B Datasheet
277Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW063A NICHIA-NSSW063A Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW150B NICHIA-NSSW150B Datasheet
276Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW206C NICHIA-NSSW206C Datasheet
298Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NVSW119BT NICHIA-NVSW119BT_13 Datasheet
361Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NVSW219BT NICHIA-NVSW219BT_13 Datasheet
360Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NFCWD084B-V3 NICHIA-NFCWD084B-V3 Datasheet
994Kb / 43P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com