Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA3686 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FA3686
Description  For Switching Power Supply Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FA3686 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FA3686 Datasheet HTML 7Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 8Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 9Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 10Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 11Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 12Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 13Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 14Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
FA3686V
11
PGS terminal current vs. voltage
PGS terminal threshold voltage of VCC vs.
Ta=25˚C
ambient temperature
CS1 internal discharge switch current vs. voltage
CS2 internal discharge switch current vs. voltage
VCC=3.3V, RT=12k
Ω (fOSC=500kHz)
VCC=3.3V, RT=12k
Ω (fOSC=500kHz)
Error amplifier gain and phase vs. frequency
0
5
10
15
20
25
30
35
40
45
0.0
0.5
1.0
1.5
2.0
2.5
VPGS [V]
Vcc=7.0V
Vcc=3.3V
Vcc=2.2V
vcc=1.8V
vcc=1.5V
Vcc=5V
2.15
2.20
2.25
2.30
2.35
-50
-25
0
25
50
75
100
125
150
Ambient temperature Ta [˚C]
0
50
100
150
200
250
300
350
400
0.00
0.50
1.00
1.50
2.00
2.50
VCS1 [V]
Ta=-30˚C
Ta=25˚C
Ta=85˚C
-200
-150
-100
-50
0
0.00
0.50
1.00
1.50
2.00
VREG-VCS2 [V]
Ta=-30˚C
Ta=25˚C
Ta=85˚C


Similar Part No. - FA3686

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3687V FUJI-FA3687V Datasheet
373Kb / 25P
   FUJI Power Supply Controllc
More results

Similar Description - FA3686

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
   For Switching Power Supply Control
FA3635P FUJI-FA3635P Datasheet
37Kb / 5P
   For Switching Power Supply Control
FA3630V FUJI-FA3630V Datasheet
47Kb / 6P
   For Switching Power Supply Control
logo
List of Unclassifed Man...
FA7700V ETC-FA7700V Datasheet
182Kb / 13P
   For Switching Power Supply Control
logo
Fuji Electric
FA3621F FUJI-FA3621F Datasheet
67Kb / 8P
   For Switching Power Supply Control
FA3675F FUJI-FA3675F Datasheet
108Kb / 8P
   For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com