Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12D33-10RFHC Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # JFC12D33-10RFHC
Description  10 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12D33-10RFHC Datasheet(HTML) 4 Page - Wall Industries,Inc.

  JFC12D33-10RFHC Datasheet HTML 1Page - Wall Industries,Inc. JFC12D33-10RFHC Datasheet HTML 2Page - Wall Industries,Inc. JFC12D33-10RFHC Datasheet HTML 3Page - Wall Industries,Inc. JFC12D33-10RFHC Datasheet HTML 4Page - Wall Industries,Inc. JFC12D33-10RFHC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev B
JFC10 SERIES
10 Watt DC/DC Power Converters
02/03/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
DERATING & EFFICIENCY CURVES
JFC48S05-10 Derating Curve
JFC48S05-10 Derating Curve with Heatsink
JFC48S05-10 Efficiency vs Input Voltage
JFC48S05-10 Efficiency vs Output Load
MECHANICAL DRAWING
PIN CONNECTIONS
PRODUCT OPTIONS
PIN
SINGLE
DUAL
OPTION
SUFFIX
1
+INPUT
+INPUT
Positive Logic Remote On/Off
None
2
-INPUT
-INPUT
Negative Logic Remote On/Off
R
3
CTRL
CTRL
Without CTRL Pin
D
4
+OUTPUT
+OUTPUT
Without CTRL and TRIM Pins
G
5
TRIM
COMMON
Positive Logic without TRIM Pin
F
6
-OUTPUT
-OUTPUT
Negative Logic without TRIM
Pin
RF
Heatsink
HC
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using
the method shown below
NOTES
1. Unit: inches (mm)
2. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
3. Pin Pitch Tolerance: ±0.01 (±0.25)
4.
Pin Dimension Tolerance: ±0.004
(±0.1)
5. All dimensions are for reference only


Similar Part No. - JFC12D33-10RFHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12D33-30DHC WALL-JFC12D33-30DHC Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
JFC12D33-30FHC WALL-JFC12D33-30FHC Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
JFC12D33-30GHC WALL-JFC12D33-30GHC Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
JFC12D33-30RFHC WALL-JFC12D33-30RFHC Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
JFC12D33-30RHC WALL-JFC12D33-30RHC Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
More results

Similar Description - JFC12D33-10RFHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com