Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-CM012-MC6L1 Datasheet(PDF) 8 Page - CITIZEN ELECTRONICS CO., LTD.

Part # L-CM012-MC6L1
Description  Line Light Souce
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

L-CM012-MC6L1 Datasheet(HTML) 8 Page - CITIZEN ELECTRONICS CO., LTD.

  L-CM012-MC6L1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. L-CM012-MC6L1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. L-CM012-MC6L1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. L-CM012-MC6L1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. L-CM012-MC6L1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. L-CM012-MC6L1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. L-CM012-MC6L1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. L-CM012-MC6L1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. L-CM012-MC6L1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7/8
8. Precautions
(1) Operating and storage environment
- This product shall be used or stored under the environment where no condensation or
corrosive factors such as chlorine gas, sulfur gas, acid, alkali, salt and others are present.
- In cases where this product is cleaned, bonded, and molded, these effects on product quality
need to be checked using an intended equipment.
- This product shall be stored in the conditions that ambient temperature of 5~40degC and
relative humidity of 20~70% and used within three months after being delivered.
- In cases where more than three months go by, the connectivity needs to be checked before usage.
(2) Handling
- For safety, LED light source should not be looked at directly.
- No manual or reflow soldering are availavle.
- No ultrasonic cleaning is available.
- Any detergents or chemicals should not be used since they could trigger the discoloration or
degradation of this product and electrical shock.
- Please do not expose this product to excessive shock or vibration such as drop and others.
- Please avoid the application of any stress to the sealing resin area.
- Please avoid any contact by a sharp metal nail or other materials with the sealing resin area.
- This product shall not be bent or twisted forcedly.
Such handling could apply stress to soldering area and consequently induce no-lighting or
shorten the product life significantly.
- When handling this product, some static measurements such as the wearing of a wristband or
antistatic gloves are required to prevent any static electricity effect.
Any damages due to static should be checked by lighting inspection.
CE's lighting inspection criterion
(3) Rating
- A constant current circuit is recommended as a drive circuit.
- When two or more LED modules are connected in parallel in the constant voltage circuit,
the current-limiting resistance needs to be placed on each module so that they operate within
the rating.
- Please design a circuit that prevents any reverse voltage (excess current) from being applied to
this product instantaneously when the circuit is ON or OFF.
- This product shall be measured by a K thermocouple of φ0.1mm with small thermal capacity
under the conditions where this product is unaffected by radiant heat from other components
or wind caused by convection.Exessive heat may deteriorate the LED's characteristics and
reliability.
(4) Addition of fail safe fuction
- In cases where an LED or circuit shorts out for some reasons, this may result in electrical shock,
fumes and ignition.
- To help eliminate these possibilities, please ensure that an appropriate fail-safe function such as
a fuse is provided for your product.
MARK
QTY
DATE
ENGINEER
CITIZEN ELECTRONICS CO.,LTD.
Form No.GQP-0013-F09-1
(UQP-U013-F03-0)
L-CM012-MC6L1
No-lighting should not exist.
Condition
If=1mA or smaller per chip
SPECIFICATIONS
Judgmental criterion
DESCRIPTION
Ref.CE-P664 03/10


Similar Part No. - L-CM012-MC6L1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
L-CM012-MC6N CITIZEN-L-CM012-MC6N Datasheet
223Kb / 9P
   Line Light Souce
L-CM012-MC6W1 CITIZEN-L-CM012-MC6W1 Datasheet
224Kb / 9P
   Line Light Souce
More results

Similar Description - L-CM012-MC6L1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
L-CM013-MC13L1 CITIZEN-L-CM013-MC13L1 Datasheet
216Kb / 9P
   Line Light Souce
L-CM012-MC6N CITIZEN-L-CM012-MC6N Datasheet
223Kb / 9P
   Line Light Souce
L-CM011-MC6N CITIZEN-L-CM011-MC6N Datasheet
216Kb / 9P
   Line Light Souce
L-CM011-MC6W1 CITIZEN-L-CM011-MC6W1 Datasheet
217Kb / 9P
   Line Light Souce
L-CM013-MC13N CITIZEN-L-CM013-MC13N Datasheet
217Kb / 9P
   Line Light Souce
L-CM012-C6N CITIZEN-L-CM012-C6N Datasheet
224Kb / 9P
   Line Light Souce
L-CM012-MC6W1 CITIZEN-L-CM012-MC6W1 Datasheet
224Kb / 9P
   Line Light Souce
L-CM013-C13N CITIZEN-L-CM013-C13N Datasheet
217Kb / 9P
   Line Light Souce
L-CM013-MC13W1 CITIZEN-L-CM013-MC13W1 Datasheet
217Kb / 9P
   Line Light Souce
logo
Panasonic Semiconductor
LN483126UN PANASONIC-LN483126UN Datasheet
20Kb / 1P
   LED LINE LIGHT SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com