Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG271MIL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG271MIL
Description  High-Speed Quad Monolithic SPST CMOS Analog Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG271MIL Datasheet(HTML) 3 Page - Vishay Siliconix

  DG271MIL Datasheet HTML 1Page - Vishay Siliconix DG271MIL Datasheet HTML 2Page - Vishay Siliconix DG271MIL Datasheet HTML 3Page - Vishay Siliconix DG271MIL Datasheet HTML 4Page - Vishay Siliconix DG271MIL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DG271MIL
Vishay Siliconix
Document Number: 70043
S-63984—Rev. G, 23-Aug-99
www.vishay.com
S FaxBack 408-970-5600
4-3
SPECIFICATIONSa
Test Conditions
Unless Specified
A Suffix
–55 to 125
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V
VIN = 2.4 V, 0.8 Vf
Tempb
Mind
Typc
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–15
15
V
Drain-Source On-Resistance
rDS(on)
IS = 1 mA, VD = "10 V
Room
Full
32
50
75
W
Switch Off Leakage Current
IS(off)
VD = "14 V, VS = #14 V
Room
Full
–1
–60
"0.05
1
60
A
Switch Off Leakage Current
ID(off)
VD = "14 V, VS = #14 V
Room
Full
–1
–60
"0.05
1
60
nA
Channel On Leakage Current
ID(on) +
IS(on)
VS = VD = "14 V
Room
Full
–1
–60
"0.05
1
60
Digital Control
Input Current with Voltage High
IINH
VIN = 2 V
Full
–1
0.010
1
A
Input Current with Voltage High
IINH
VIN = 15 V
Full
–1
0.010
1
mA
Input Current with Voltage Low
IINL
VIN = 0 V
Full
–1
0.010
1
Dynamic Characteristics
Turn-On Time
tON
VS = "10 V
SFi
3
Room
Full
55
65
80
ns
Turn-Off Time
tOFF
S
See Figure 3
Room
Full
50
65
80
ns
Charge Injection
Q
CL = 1 nF, VS = 0 V
Vgen = 0 V, Rgen = 0 W
See Figure 3
Room
–5
pC
Source Off Capacitance
CS(off)
VS = 0 V, VIN = 5 V
f1 MH
Room
8
F
Drain Off Capacitance
CD(off)
S
,
IN
f = 1 MHz
Room
8
pF
Channel On Capacitance
CD(on)
VD = VS = 0 V, VIN = 0 V
Room
30
Off Isolation
OIRR
CL = 10 pF, RL = 1 kW
f = 100 kHz
Room
85
dB
Crosstalk
XTALK
f = 100 kHz
See Figures 4 and 5
Room
100
dB
Supply
Positive Supply Current
I+
All Channels On or Off
V5 V
0 V
Room
Full
5.5
7.5
9
mA
Negative Supply Current
I–
VIN = 5 V or 0 V
Room
Full
–6
–8
–3.4
mA
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.


Similar Part No. - DG271MIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
DG2711 VISHAY-DG2711 Datasheet
110Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. B, 30-Apr-07
DG2711 VISHAY-DG2711 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
DG2711 VISHAY-DG2711 Datasheet
105Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
01-Jan-2022
DG2711DL-T1-E3 VISHAY-DG2711DL-T1-E3 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
More results

Similar Description - DG271MIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. B, 15-Nov-04
DG271B VISHAY-DG271B_V01 Datasheet
156Kb / 9P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
01-Jan-2022
DG271BDY VISHAY-DG271BDY Datasheet
67Kb / 5P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. B, 15-Nov-04
logo
Intersil Corporation
DG308A INTERSIL-DG308A_01 Datasheet
187Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
   High Speed Quad SPST CMOS Analog Switch
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
   High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Intersil Corporation
DG308A INTERSIL-DG308A Datasheet
113Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
November 1999
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
HI-201HS INTERSIL-HI-201HS Datasheet
253Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
July 1999
HI-201H INTERSIL-HI-201H Datasheet
747Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com