Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC24D12-10DHC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # JFC24D12-10DHC
Description  10 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC24D12-10DHC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  JFC24D12-10DHC Datasheet HTML 1Page - Wall Industries,Inc. JFC24D12-10DHC Datasheet HTML 2Page - Wall Industries,Inc. JFC24D12-10DHC Datasheet HTML 3Page - Wall Industries,Inc. JFC24D12-10DHC Datasheet HTML 4Page - Wall Industries,Inc. JFC24D12-10DHC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev B
JFC10 SERIES
10 Watt DC/DC Power Converters
02/03/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
SPECIFICATIONS: JFC10 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
REMOTE ON/OFF (See Note 4)
Positive Logic (standard)
The CTRL pin is referenced to –Input pin
DC/DC ON
Open or 3V < Vr < 15 VDC
DC/DC OFF
Short or 0V < Vr < 1.2 VDC
Negative Logic (optional)
The CTRL pin is referenced to –Input pin
DC/DC ON
Short or 0V <Vr < 1.2 VDC
DC/DC OFF
Open or 3V < Vr < 15 VDC
Input Current of Remote Control Pin
Nominal Vin
-0.5
1.0
mA
Remote OFF State Input Current
Nominal Vin
2.5
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
With derating
-40
+85
°C
Maximum Case Temperature
+105
°C
Storage Temperature
-55
+125
°C
Thermal Impedance (See Note 6)
Natural Convection
Without Heatsink
16.18
°C/W
With Heatsink
15.13
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F Ta=25°C, full load
3,308,000 hours
PHYSICAL SPECIFICATIONS
Weight
0.58oz (16.5g)
Dimensions (L x W x H)
1.00x1.00x0.39 inch (25.4x25.4x9.9 mm)
Case Material
Copper
Base Material
FR4 PCB
Potting Material
Silicon (UL94-V0)
Shielding
Six-sided
SAFETY & EMC CHARACTERISTICS
Safety Approvals
UL60950-1, IEC60950-1, EN60950-1
EMI (See Note 3)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air ±8kV
Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 2)
EN61000-4-4
±2kV
Perf. Criteria A
Surge (See Note 2)
EN61000-4-5
±1kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
3 Vrms
Perf. Criteria A
NOTES
1. Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external
resistor
between the Trim pin and either the +Vout pin or the –Vout pin.
2. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor suggested is Nippon
chemi-con KY
series, 220µF/100V.
3. The JFC10 series standard modules meet EN55022 Class A without external components and meet Class B with external components. For
more details
please call factory.
4. Both positive logic and negative logic remote on/off control is available. Positive logic remote on/off comes standard; for negative logic remote
on/off add
the suffix “R” to the model number (Ex: JFC24S05-10R).
5. There are several different options available for this series. Please see the “Model Number Setup” on page 5 for all options and ordering
information.
6. Optional heatsink is available. Please call factory for more information.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - JFC24D12-10DHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC24D12-10 WALL-JFC24D12-10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JFC24D12-1000D WALL-JFC24D12-1000D Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24D12-1000F WALL-JFC24D12-1000F Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24D12-1000G WALL-JFC24D12-1000G Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24D12-1000R WALL-JFC24D12-1000R Datasheet
720Kb / 11P
   Six-Sided Shielding
More results

Similar Description - JFC24D12-10DHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com