Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPDL09-24S24S Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCPDL09-24S24S
Description  Up to 9 Watts DC DC Converter Single and Dual Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDL09-24S24S Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCPDL09-24S24S Datasheet HTML 1Page - Wall Industries,Inc. DCPDL09-24S24S Datasheet HTML 2Page - Wall Industries,Inc. DCPDL09-24S24S Datasheet HTML 3Page - Wall Industries,Inc. DCPDL09-24S24S Datasheet HTML 4Page - Wall Industries,Inc. DCPDL09-24S24S Datasheet HTML 5Page - Wall Industries,Inc. DCPDL09-24S24S Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev A
DCPDL09 SERIES
Up to 9 Watts
DC DC Converter
Single and Dual Outputs
5/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
Standard Case
Metal Case
Size: 0.86in x 0.44in x 0.36in (21.8mm x 11.2mm x 9.1mm)
Size: 0.86in x 0.44in x 0.38in (21.8mm x 11.2mm x 9.6mm)
OPTIONS
FEATURES
Input Voltage
Case Type
-Standard
-Metal
Output Quantity
No Minimum Load Required
1600VDC Input to Output Insulation
Compact Size and Low Profile
Low Standby Power
CE Marked
2:1 Wide Input Range
RoHS and REACH Compliant
High Efficiency up to 89%
Single and Dual Output Voltages
Over Load and Short Circuit Protection
UL60950-1, EN60950-1, IEC60950-1, UL62368-1,
EN62368-1, & IEC62368-1 Safety Approvals
APPLICATIONS
DESCRIPTION
Wireless Networks
Telecom/Datacom
Industry Control Systems
Distributed Power Architectures
Semiconductor Equipment
The DCPDL09 series of DC DC converters offers up to 90 watts of output power in a compact and low profile
package. This series consists of both single and dual output models with 2:1 wide input ranges. Models in
this series have a high efficiency up to 89%, low standby power, and over load and short circuit protection.
Models are also compliant to both RoHS and REACH and have UL60950-1, EN60950-1, IEC60905-1,
UL62368-1, EN62368-1, & IEC62368-1 safety approvals.
MODEL SELECTION TABLE
Single Output Models
Model Number(1)
Input Voltage
Range
Output Voltage
Output Current
@Full Load
Ripple & Noise
No Load
Input Current
Output
Power
Maximum
Capacitive Load
Efficiency
DCPDL09-12S3P3x
9~18
3.3VDC
2000mA
50mVp-p
10mA
Up to 9W
2600µF
81%
DCPDL09-12S05x
9~18
5VDC
1600mA
50mVp-p
10mA
1300µF
85%
DCPDL09-12S09x
9~18
9VDC
1000mA
50mVp-p
10mA
800µF
86%
DCPDL09-12S12x
9~18
12VDC
750mA
75mVp-p
10mA
560µF
88%
DCPDL09-12S15x
9~18
15VDC
600mA
75mVp-p
10mA
560µF
89%
DCPDL09-12S24x
9~18
24VDC
375mA
75mVp-p
10mA
200µF
89%
DCPDL09-24S3P3x
18~36
3.3VDC
2000mA
50mVp-p
9mA
Up to 9W
2600µF
82%
DCPDL09-24S05x
18~36
5VDC
1600mA
50mVp-p
9mA
1300µF
85%
DCPDL09-24S09x
18~36
9VDC
1000mA
50mVp-p
9mA
800µF
87%
DCPDL09-24S12x
18~36
12VDC
750mA
75mVp-p
9mA
560µF
89%
DCPDL09-24S15x
18~36
15VDC
600mA
75mVp-p
9mA
560µF
89%
DCPDL09-24S24x
18~36
24VDC
375mA
75mVp-p
9mA
200µF
89%
DCPDL09-48S3P3x
36~75
3.3VDC
2000mA
50mVp-p
5mA
Up to 9W
2600µF
82%
DCPDL09-48S05x
36~75
5VDC
1600mA
50mVp-p
5mA
1300µF
85%
DCPDL09-48S09x
36~75
9VDC
1000mA
50mVp-p
5mA
800µF
87%
DCPDL09-48S12x
36~75
12VDC
750mA
75mVp-p
5mA
560µF
89%
DCPDL09-48S15x
36~75
15VDC
600mA
75mVp-p
5mA
560µF
89%
DCPDL09-48S24x
36~75
24VDC
375mA
75mVp-p
5mA
200µF
88%
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output Voltage
Output Current
@Full Load
Ripple & Noise
No Load
Input Current
Output
Power
Maximum
Capacitive Load
Efficiency
DCPDL09-12D05x
9~18
±5VDC
±800mA
50mVp-p
10mA
Up to 9W
±800µF
85%
DCPDL09-12D12x
9~18
±12VDC
±375mA
75mVp-p
10mA
±390µF
88%
DCPDL09-12D15x
9~18
±15VDC
±300mA
75mVp-p
10mA
±200µF
88%
DCPDL09-24D05x
18~36
±5VDC
±800mA
50mVp-p
9mA
Up to 9W
±800µF
86%
DCPDL09-24D12x
18~36
±12VDC
±375mA
75mVp-p
9mA
±390µF
88%
DCPDL09-24D15x
18~36
±15VDC
±300mA
75mVp-p
9mA
±200µF
87%
DCPDL09-48D05x
36~75
±5VDC
±800mA
50mVp-p
5mA
Up to 9W
±800µF
86%
DCPDL09-48D12x
36~75
±12VDC
±375mA
75mVp-p
5mA
±390µF
87%
DCPDL09-48D15x
36~75
±15VDC
±300mA
75mVp-p
5mA
±200µF
87%


Similar Part No. - DCPDL09-24S24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06-12D05 WALL-DCPDL06-12D05 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06-12D05 WALL-DCPDL06-12D05 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06-12D12 WALL-DCPDL06-12D12 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
More results

Similar Description - DCPDL09-24S24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
LANF WALL-LANF_18 Datasheet
383Kb / 5P
   Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com