Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPDLW09-48S12M Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCPDLW09-48S12M
Description  Up to 9 Watts DC DC Converter Single and Dual Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDLW09-48S12M Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCPDLW09-48S12M Datasheet HTML 1Page - Wall Industries,Inc. DCPDLW09-48S12M Datasheet HTML 2Page - Wall Industries,Inc. DCPDLW09-48S12M Datasheet HTML 3Page - Wall Industries,Inc. DCPDLW09-48S12M Datasheet HTML 4Page - Wall Industries,Inc. DCPDLW09-48S12M Datasheet HTML 5Page - Wall Industries,Inc. DCPDLW09-48S12M Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev A
DCPDLW09 SERIES
Up to 9 Watts
DC DC Converter
Single and Dual Outputs
5/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Single
400
kHz
Dual
500
Isolation Voltage
1 minute
Input to Output
Standard Type
1600
VDC
Suffix “M”
1600
Input (Output) to Case Suffix “M”
1600
Isolation Resistance
500VDC
1
G
Ω
Isolation Capacitance
50
pF
PHYSICAL SPECIFICATIONS
Weight
Standard Type
0.17oz (4.8g)
Suffix “M”
0.21oz (5.9g)
Dimensions (L x W x H)
Standard Type
0.86in x 0.44in x 0.36in
(21.8mm x 11.2mm x 9.1mm)
Suffix “M”
0.86in x 0.44in x 0.38in
(21.8mm x 11.2mm x 9.6mm)
Case Material
Standard Type
Non-Conductive Black Plastic
Suffix “M”
Copper
Base Material
None
Potting Material
Silicone (UL94 V-0)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
EN60950-1
UL60950-1
IEC60950-1
EN62368-1
UL62368-1
IEC62368-1
EMI(2)
EN55022
Class A
Class B
ESD
EN61000-4-2
Air ±8kV and Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast Transient(3)
EN61000-4-4
±2kV
Perf. Criteria A
Surge(3)
EN61000-4-5
±2kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100A/m continuous; 1000A/m 1 second
Perf. Criteria A
NOTES
(1)
“x” in model name indicates the case type. “x” can be “S” to indicate standard (plastic) case or “M” to indicate metal case.
(2)
The standard modules meet either EMI Class A or Class B with external components. For more information, please contact factory.
(3)
An external input filter capacitor is required if the module is to meet EN61000-4-4 and EN61000-4-5. We suggest the following:
The DCPDLW09-24xxx is recommended to use an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS
(SMDJ70A, 70V, 3000 watt peak pulse power) to connect in parallel.
The DCPDLW09-48xxx is recommended to use an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS
(SMDJ120A, 120V, 3000 watt peak pulse power) to connect in parallel.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DCPDLW09-48S12M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06-24D05 WALL-DCPDLW06-24D05 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06-24D05 WALL-DCPDLW06-24D05 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06-24D05H WALL-DCPDLW06-24D05H Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
More results

Similar Description - DCPDLW09-48S12M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
LANF WALL-LANF_18 Datasheet
383Kb / 5P
   Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com