Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV363M4U Datasheet(PDF) 8 Page - International Rectifier

Part # CPV363M4U
Description  IGBT SIP MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV363M4U Datasheet(HTML) 8 Page - International Rectifier

Back Button CPV363M4U Datasheet HTML 2Page - International Rectifier CPV363M4U Datasheet HTML 3Page - International Rectifier CPV363M4U Datasheet HTML 4Page - International Rectifier CPV363M4U Datasheet HTML 5Page - International Rectifier CPV363M4U Datasheet HTML 6Page - International Rectifier CPV363M4U Datasheet HTML 7Page - International Rectifier CPV363M4U Datasheet HTML 8Page - International Rectifier CPV363M4U Datasheet HTML 9Page - International Rectifier CPV363M4U Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CPV363M4U
t1
Ic
Vce
t1
t2
90% Ic
10 % Vc e
td (off)
tf
Ic
5% Ic
t1 +5µ S
V ce ic dt
90% Vge
+Vg e
E off =
Fig. 18b - Test Waveforms for Circuit of Fig. 18a, Defining
Eoff, td(off), tf
Vceiedt
t2
t1
5% Vc e
Ic
Ipk
Vc c
10% Ic
Vce
t1
t2
DUT VO LT AG E
AN D C URR E NT
G AT E VO LT AG E D .U .T .
+V g
10% +V g
90% Ic
tr
td( on)
DIO D E REVERSE
RE CO V ERY EN ER G Y
tx
E on =
Er ec =
t4
t3
Vd id d t
t4
t3
DIO DE RE CO V E RY
W AVEF O RM S
Ic
Vpk
10% V cc
Irr
10 % Ir r
Vcc
trr
Q rr =
trr
tx
id dt
Sam e t ype
device as
D.U.T.
D.U.T.
430µF
80%
of Vce
Fig. 18a - Test Circuit for Measurement of
ILM, Eon, Eoff(diode), trr, Qrr, Irr, td(on), tr, td(off), tf
Fig. 18c - Test Waveforms for Circuit of Fig. 18a,
Defining Eon, td(on), tr
Fig. 18d - Test Waveforms for Circuit of Fig. 18a,
Defining Erec, trr, Qrr, Irr


Similar Part No. - CPV363M4U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPV363M4UPBF VISHAY-CPV363M4UPBF Datasheet
278Kb / 11P
   IGBT SIP Module (Ultrafast IGBT)
Revision: 01-Sep-08
More results

Similar Description - CPV363M4U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV364M4F IRF-CPV364M4F Datasheet
245Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
CPV362M4FPBF VISHAY-CPV362M4FPBF Datasheet
246Kb / 9P
   IGBT SIP Module
Revision: 10-Jun-15
logo
International Rectifier
CPV363M4K IRF-CPV363M4K Datasheet
176Kb / 10P
   IGBT SIP MODULE
CPV364M4K IRF-CPV364M4K Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV362M4F IRF-CPV362M4F Datasheet
287Kb / 10P
   IGBT SIP MODULE
CPV364M4U IRF-CPV364M4U Datasheet
273Kb / 10P
   IGBT SIP MODULE
CPV363M4F IRF-CPV363M4F Datasheet
269Kb / 10P
   IGBT SIP MODULE
CPV364M4KPBF IRF-CPV364M4KPBF Datasheet
304Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
   IGBT SIP Module (Fast IGBT)
01-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com