Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POS-150P+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # POS-150P+
Description  Voltage Controlled Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

POS-150P+ Datasheet(HTML) 2 Page - Mini-Circuits

  POS-150P+ Datasheet HTML 1Page - Mini-Circuits POS-150P+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
TUNE
TUNING
SENS.
(MHz/V)
FREQUENCY (MHz)
POWER OUTPUT (dBm)
-55°C
+25°C
+85°C
-55°C
+25°C
+85°C
POS-150P+
Frequency and Tuning Sensitivity (at +25°C)
0
20
40
60
80
100
120
012345
Tuning Voltage (V)
6
8
10
12
14
16
18
-55°C
+25°C
+85°C
T SENS.
POS-150P+
Harmonics Level
-60
-50
-40
-30
-20
-10
012
345
Tuning Voltage (V)
F2
F3
F4
POS-150P+
Power Output
6
7
8
9
10
11
12
01
23
45
Tuning Voltage (V)
-55°C
+25°C
+85°C
POS-150P+
Frequency Pushing
(Supply Voltage 12V)
0.0
0.1
0.2
0.3
0.4
0.5
012345
Tuning Voltage (V)
Performance Data & Curves
0.00
10.24
63.31
59.60
57.51
7.72
7.18
6.61
0.50
9.99
67.21
64.66
63.26
8.59
8.46
8.11
1.00
8.82
70.96
69.22
68.25
9.43
9.62
9.45
1.50
7.70
74.52
73.21
72.43
9.95
10.36
10.19
2.00
7.36
78.14
76.93
76.19
9.95
10.30
10.11
2.50
7.32
81.92
80.54
79.77
9.93
10.19
9.97
3.00
7.12
85.50
84.18
83.40
9.89
10.12
9.88
3.50
6.61
88.81
87.54
86.76
9.83
10.03
9.79
4.00
6.36
91.97
90.75
89.97
9.75
9.95
9.68
4.50
6.24
95.04
93.89
93.10
9.69
9.84
9.57
5.00
6.18
98.10
96.99
96.21
9.61
9.76
9.49
0.00
-23.33
-28.83
-42.83
0.00
0.50
-24.44
-30.27
-46.11
0.13
1.00
-25.46
-31.96
-48.13
0.13
1.50
-25.37
-33.37
-47.70
0.32
2.00
-25.17
-34.51
-45.01
0.38
2.50
-25.73
-34.90
-42.90
0.38
3.00
-26.16
-35.33
-42.33
0.19
3.50
-26.40
-35.24
-41.57
0.13
4.00
-26.66
-34.99
-40.99
0.13
4.50
-26.88
-34.71
-40.55
0.13
5.00
-27.11
-34.11
-40.11
0.13
V
TUNE
HARMONICS (dBc)
FREQ. PUSHING
(MHz/V)
F2
F3
F4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
POS-150P+
Page 2 of 2


Similar Part No. - POS-150P+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
POS-150 MINI-POS-150 Datasheet
234Kb / 2P
   Voltage Controlled Oscillator
POS-150++ MINI-POS-150+ Datasheet
247Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
POS-150++ MINI-POS-150+ Datasheet
234Kb / 2P
   Voltage Controlled Oscillator
More results

Similar Description - POS-150P+

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com